Electronic Components Datasheet Search
  English  ▼

X  

PCM1793DB Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # PCM1793DB
Description  24 BIT 192KHZ SAMPLING ADVANCED SEGMENT AUDIO STEREO DIGITAL TO ANALOG CONVERTER
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM1793DB Datasheet(HTML) 16 Page - Texas Instruments

Back Button PCM1793DB Datasheet HTML 12Page - Texas Instruments PCM1793DB Datasheet HTML 13Page - Texas Instruments PCM1793DB Datasheet HTML 14Page - Texas Instruments PCM1793DB Datasheet HTML 15Page - Texas Instruments PCM1793DB Datasheet HTML 16Page - Texas Instruments PCM1793DB Datasheet HTML 17Page - Texas Instruments PCM1793DB Datasheet HTML 18Page - Texas Instruments PCM1793DB Datasheet HTML 19Page - Texas Instruments PCM1793DB Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 25 page
background image
PCM1793
SLES076A − MARCH 2003 − REVISED JANUARY 2004
www.ti.com
16
DATA
t(BCH)
1.4 V
BCK
LRCK
t(BCL)
t(LB)
t(BCY)
t(DS)
t(DH)
1.4 V
1.4 V
t(BL)
PARAMETERS
MIN
MAX
UNITS
t(BCY)
BCK pulse cycle time
70
ns
t(BCL)
BCK pulse duration, LOW
30
ns
t(BCH)
BCK pulse duration, HIGH
30
ns
t(BL)
BCK rising edge to LRCK edge
10
ns
t(LB)
LRCK edge to BCK rising edge
10
ns
t(DS)
DATA setup time
10
ns
t(DH)
DATA hold time
10
ns
—
LRCK clock duty
50%
± 2 bit clocks
Figure 25. Timing of Audio Interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com