Electronic Components Datasheet Search
  English  ▼

X  

ASPI-1205S Datasheet(PDF) 1 Page - Abracon Corporation

Part # ASPI-1205S
Description  SHIELDED POWER INDUCTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ASPI-1205S Datasheet(HTML) 1 Page - Abracon Corporation

  ASPI-1205S Datasheet HTML 1Page - Abracon Corporation ASPI-1205S Datasheet HTML 2Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ELECTRICAL SPECIFICATIONS:
FEATURES:
APPLICATIONS:
Storage Temperature
PARAMETERS
Operating Temperature
-40ºC to +85ºC
ABRACON P/N
ASPI-1205S-xxx
Under +25ºC, Humidity <75% R.H.
Pb RoHS
Compliant
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
30332 Esperanza, Rancho Santa Margarita, California 92688
tel 949-546-8000 | fax 949-546-8001 | www.abracon.com
Revised: 08.18.09
Visit www.abracon.com for Terms & Conditions of Sale
SHIELDED POWER INDUCTOR
OPTIONS & PART IDENTIFICATION:
(Left blank if standard)
c
• High saturation
• Magnetic shielding
• Very small footprint
• Flat-top for pick and place
• Low resistance to keep power loss minimum
• Palm-top and laptop
• LCD TV
• Power line DC to DC converters used in hard drive,
notebook computer
T
Tape & Reel
ASPI - 1205S -
M -
Inductance Code
Packaging
Refer to the Table
Note: Tolerance M=±20%
Inductance tested at 100KHz, 0.1VRMS
Part Number
L
Tolerance
RDC
IDC
ASPI-1205S-
(µµH)
%
(( Ω
Ω ))
Max
(A)Max
391
390
M
0.690
0.65
471
470
M
0.770
0.58
561
560
M
0.860
0.54
681
680
M
1.200
0.48
821
820
M
1.340
0.43
102
1000
M
1.530
0.40
Part Number
L
Tolerance
RDC
IDC
ASPI-1205S-
(µµH)
%
(( Ω
Ω ))
Max
(A)Max
1R3
1.3
M
0.012
8.00
2R1
2.1
M
0.014
7.00
3R1
3.1
M
0.017
6.00
4R4
4.4
M
0.020
5.00
5R8
5.8
M
0.021
4.40
7R5
7.5
M
0.024
4.20
100
10
M
0.025
4.00
120
12
M
0.027
3.50
150
15
M
0.030
3.30
180
18
M
0.034
3.00
220
22
M
0.036
2.80
270
27
M
0.051
2.30
330
33
M
0.057
2.10
390
39
M
0.068
2.00
470
47
M
0.075
1.80
560
56
M
0.110
1.70
680
68
M
0.120
1.50
820
82
M
0.140
1.40
101
100
M
0.160
1.30
121
120
M
0.170
1.10
151
150
M
0.230
1.00
181
180
M
0.290
0.90
221
220
M
0.400
0.80
271
270
M
0.460
0.75
331
330
M
0.510
0.68
ASPI-1205S-xxx
12.0 x 12.0 x 6.0mm
| | | | | | | | | | | | | | |


Similar Part No. - ASPI-1205S

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ASPI-1207S ABRACON-ASPI-1207S Datasheet
1Mb / 3P
SHIELDED POWER INDUCTOR
08.05.09
More results

Similar Description - ASPI-1205S

ManufacturerPart #DatasheetDescription
logo
Datatronic Distribution...
DR340-5-103 DATATRONICS-DR340-5-103 Datasheet
106Kb / 2P
SHIELDED POWER INDUCTOR
logo
Accetek Electronics (Sh...
1MX ACCETEK-1MX Datasheet
196Kb / 2P
Shielded Power Inductor
logo
Allied Components Inter...
PS100 ALLIED-PS100 Datasheet
275Kb / 1P
Power Shielded Inductor
PS120 ALLIED-PS120 Datasheet
397Kb / 1P
Power Shielded Inductor
logo
Coilcraft lnc.
FA2769-AL COILCRAFT-FA2769-AL Datasheet
457Kb / 2P
Shielded Power Inductor
logo
Abracon Corporation
ASPI-1207S ABRACON-ASPI-1207S Datasheet
1Mb / 3P
SHIELDED POWER INDUCTOR
08.05.09
logo
XFMRS Inc.
XFRCR108D-100K XFMRS-XFRCR108D-100K Datasheet
34Kb / 1P
SHIELDED POWER INDUCTOR
logo
Coilcraft lnc.
XEL4020 COILCRAFT-XEL4020_18 Datasheet
232Kb / 4P
Shielded Power Inductor
XEL5020 COILCRAFT-XEL5020 Datasheet
223Kb / 2P
Shielded Power Inductor
XFL6060-473 COILCRAFT-XFL6060-473_17 Datasheet
200Kb / 2P
Shielded Power Inductor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com