Electronic Components Datasheet Search
  English  ▼

X  

PCM1793DBR Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # PCM1793DBR
Description  24 BIT 192KHZ SAMPLING ADVANCED SEGMENT AUDIO STEREO DIGITAL TO ANALOG CONVERTER
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM1793DBR Datasheet(HTML) 20 Page - Texas Instruments

Back Button PCM1793DBR Datasheet HTML 16Page - Texas Instruments PCM1793DBR Datasheet HTML 17Page - Texas Instruments PCM1793DBR Datasheet HTML 18Page - Texas Instruments PCM1793DBR Datasheet HTML 19Page - Texas Instruments PCM1793DBR Datasheet HTML 20Page - Texas Instruments PCM1793DBR Datasheet HTML 21Page - Texas Instruments PCM1793DBR Datasheet HTML 22Page - Texas Instruments PCM1793DBR Datasheet HTML 23Page - Texas Instruments PCM1793DBR Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 25 page
background image
PCM1793
SLES076A − MARCH 2003 − REVISED JANUARY 2004
www.ti.com
20
APPLICATION INFORMATION
ANALOG OUTPUTS
SCK
24
23
22
21
20
19
18
17
16
15
5
6
7
8
9
10
11
12
13
14
PCM1793
RST
VDD
DGND
AGNDF
VCCR
AGNDR
VOUTR−
VOUTR+
VCOM
DEMP0
VOUTL−
ZEROL
ZEROR
VCCF
VCCL
VOUTL+
AGNDC
AGNDL
LRCK
1
2
3
4
BCK
DATA
MUTE
28
27
26
25
FMT2
FMT1
FMT0
DEMP1
VCCC
+
1
µF
−
+
C3L
R6L
R4L
R5L
C1L
C2L
R3L
R2L
R1L
VOUT
L-Channel
+
5 V
−
+
VOUT
R-Channel
10
µF
0.1
µF
C3R
R6R
R4R
R5R
C1R
C2R
R3R
R2R
R1R
NOTE: Example R and C values for fC = 77 kHz – R1, R2: 1.8 kΩ, R3,R4: 3.3 kΩ, R5,R6: 680 Ω, C1: 1800 pF, C2, C3: 560 pF.
Figure 28. Typical Application for Analog Output Stage
Analog Output Level and LPF
The signal level of the DAC differential-voltage output {(VOUTL+)–(VOUTL–), (VOUTR+)–(VOUTR–)} is 3.2 Vp-p
at 0 dB (full scale). The voltage output of the LPF is given by following equation:
VOUT = 3.2 Vp-p × (Rf /Ri)
Here, Rf is the feedback resistor in the LPF, and R3 = R4 in a typical application circuit. Ri is the input resistor
in the LPF, and R1 = R2 in a typical application circuit.
Op Amp for LPF
An OPA2134 or 5532 type op amp is recommended for the LPF circuit to obtain the specified audio
performance. Dynamic performance such as gain bandwidth, settling time, and slew rate of the op amp largely
determines the audio dynamic performance of the LPF section. The input noise specification of the op amp
should be considered to obtain a 113-dB S/N ratio.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com