Electronic Components Datasheet Search
  English  ▼

X  

ASPI-1367 Datasheet(PDF) 2 Page - Abracon Corporation

Part # ASPI-1367
Description  SHIELDED SMD CHIP POWER INDUCTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ASPI-1367 Datasheet(HTML) 2 Page - Abracon Corporation

  ASPI-1367 Datasheet HTML 1Page - Abracon Corporation ASPI-1367 Datasheet HTML 2Page - Abracon Corporation ASPI-1367 Datasheet HTML 3Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Pb RoHS
Compliant
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
ABRACON IS
ISO 9001:2008
CERTIFIED
30332 Esperanza, Rancho Santa Margarita, California92688
tel 949-546-8000| fax 949-546-8001 | www.abracon.com
Revised: 04.04.12
Visit www.abracon.com for Terms & Conditions of Sale
SHIELDED SMD CHIP POWER INDUCTOR
ASPI-1367
14.0 x 12.9 x 6.7mm
INDUCTANCE AND TEMPERATURE CURVE
R33
OUTLINE DIMENSIONS:
Recommended Land Pattern
G
H
I
14.5
5.0
8.0
Dimension: mm
A
B
C
D
E
F
12.9 max.
14.0 max.
6.7 max.
4.0±0.5 for L≤1.5uH
3.0±0.5 for L=2.2uH
4.7±0.3 for L>2.2uH
8.4 ref.
2.0±0.5
G
I
H



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com