Electronic Components Datasheet Search
  English  ▼

X  

P104K Datasheet(PDF) 5 Page - International Rectifier

Part # P104K
Description  PASSIVATED ASSEMBLED CIRCUIT ELEMENTS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

P104K Datasheet(HTML) 5 Page - International Rectifier

  P104K Datasheet HTML 1Page - International Rectifier P104K Datasheet HTML 2Page - International Rectifier P104K Datasheet HTML 3Page - International Rectifier P104K Datasheet HTML 4Page - International Rectifier P104K Datasheet HTML 5Page - International Rectifier P104K Datasheet HTML 6Page - International Rectifier P104K Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
P100 Series
5
Bulletin I27125 rev. A 04/99
www.irf.com
Fig. 1 - Current Ratings Nomogram (1 Module Per Heatsink)
Fig. 2 - On-state Power Loss Characteristics
Fig. 3 - On-state Power Loss Characteristics
0
5
10
15
0
5
10
15
180°
120°
90°
60°
30°
Average On-state Current (A)
RMS Limit
Conduction angle
P100 Series
T = 125°C
Per Junction
J
0
5
10
15
20
0
5
10
15
20
Average On-state Current (A)
Conduct ion Period
DC
180°
120°
90°
60°
30°
RMS Limit
P100 Series
T = 125°C
Per Junction
J
Fig. 4 - Current Ratings Characteristics
Fig. 5 - On-state Voltage Drop Characteristics
1
10
100
1000
0123456
P100 Series
Per Junction
T
= 125 °C
T
= 25 °C
J
J
Instantaneous On-state Voltage (V)
0
25
50
75
100
125
Maximum Allowable Ambient Temperature (°C)
2
K/
W
3 K
/W
5 K/W
7 K/W
10 K/W
0
10
20
30
40
50
60
0
5
10
15
20
25
180°
(Sine)
Total Output Current (A)
P100 Series
T = 125°C
J
70
80
90
100
110
120
130
0
5
10
15
20
25
30
180°
(Sine)
180°
(Rect)
Fully Turned.on
Total Output Current (A)
P100 Series
Per Module



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com