Electronic Components Datasheet Search
  English  ▼

X  

M28S Datasheet(PDF) 1 Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.

Part # M28S
Description  Plastic-Encapsulate Transistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOTTECH [GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.]
Direct Link  http://www.hottech.net.cn/
Logo HOTTECH - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.

M28S Datasheet(HTML) 1 Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.

  M28S Datasheet HTML 1Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD. M28S Datasheet HTML 2Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Page:P2-P1
Plastic-Encapsulate Transistors
GUANGDONG
HOTTECH
INDUSTRIAL
CO,. LTD.
FEATURES
Excellent HFE Linearity.
High DC current gain
Marking :
28S
MAXIMUM RATINGS (TA=25
unless otherwise noted)
Parameter
Symbol
Value
Unit
Collector-Base Voltage
V
CBO
40
V
DCollector-Emitter Voltage
V
CEO
20
V
Emitter-Base Voltage
V
EBO
6
V
Collector Current -Continuous
I
C
1000
mA
Collector Power Dissipation
PC
200
mW
Junction Temperature
T
J
150
Storage Temperature
Tstg
-55 to +150
ELECTRICAL CHARACTERISTICS (Tamb=25
unless otherwise specified)
Parameter
Symbol
Test conditions
Min
Typ
Max
Unit
Collector-base breakdown voltage
VCBO
IC=100μA,IE=0
40
V
Collector-emitter breakdown voltage
VCEO
IC=1mA,IB=0
20
V
Emitter-base breakdown voltage
VEBO
IE=100μA,IC=0
6
V
Collector cut-off current
ICBO
VCB=35V,IE=0
0.1
μA
Emitter cut-off current
IEBO
VEB=5V,IC=0
0.1
μA
DC current gain
hFE
VCE=1V,IC=1mA
VCE=1V,IC=0.1A
VCE=1V,IC=0.3A
VCE=1V,IC=0.5A
290
300
300
300
1000
Collector-emitter saturation voltage
VCE(sat)
IC=600mA, IB=20mA
0.55
V
Transition frequency
fT
VCE=10V, IC=50mA
100
MHz
Collector output capacitance
Cob
VCB=10V,IE=0,f=1MHz
9
pF
CLASSIFICATION OF
hFE
Rank
B
C
D
Range
300-550
500-700
650-1000
(NPN)
1. BASE
2. EMITTER
SOT-23
3. COLLECTO
M28S


Similar Part No. - M28S

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
M28S UTC-M28S Datasheet
86Kb / 2P
AUDIO OUTPUT DRIVER AMPLIFIER
logo
Galaxy Semi-Conductor H...
M28S BILIN-M28S Datasheet
161Kb / 3P
NPN Silicon Epitaxial Planar Transistor
logo
Dc Components
M28S DCCOM-M28S Datasheet
213Kb / 1P
TECHNICAL SPECIFICATIONS OF NPN EPITAXIAL PLANAR TRANSISTOR
logo
Shenzhen Jin Yu Semicon...
M28S HTSEMI-M28S Datasheet
304Kb / 1P
TRANSISTOR(NPN)
logo
SeCoS Halbleitertechnol...
M28S SECOS-M28S Datasheet
59Kb / 1P
1A , 40V NPN Plastic Encapsulated Transistor
More results

Similar Description - M28S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
S9013 ETC-S9013 Datasheet
963Kb / 2P
PLASTIC ENCAPSULATE TRANSISTORS
logo
Micro Commercial Compon...
MMDT5401 MCC-MMDT5401 Datasheet
116Kb / 3P
Plastic-Encapsulate Transistors
logo
SeCoS Halbleitertechnol...
BCX51 SECOS-BCX51 Datasheet
1Mb / 1P
Plastic-Encapsulate Transistors
D882 SECOS-D882 Datasheet
277Kb / 2P
Plastic Encapsulate Transistors
logo
Micro Commercial Compon...
MMDT5401 MCC-MMDT5401_11 Datasheet
231Kb / 3P
Plastic-Encapsulate Transistors
logo
MAKO SEMICONDUCTOR CO.,...
2SC945 MAKOSEMI-2SC945 Datasheet
99Kb / 2P
Plastic-Encapsulate Transistors
KTC3875 MAKOSEMI-KTC3875 Datasheet
88Kb / 2P
Plastic-Encapsulate Transistors
logo
Nanjing International G...
KTA1275 DGNJDZ-KTA1275 Datasheet
149Kb / 1P
Plastic-Encapsulate Transistors
logo
Jiangsu Changjiang Elec...
2SD2142 JIANGSU-2SD2142 Datasheet
271Kb / 1P
Plastic-Encapsulate Transistors
BC516 JIANGSU-BC516 Datasheet
401Kb / 3P
Plastic-Encapsulate Transistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com