Electronic Components Datasheet Search
  English  ▼

X  

MMBT4401 Datasheet(PDF) 1 Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.

Part # MMBT4401
Description  Switching transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOTTECH [GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.]
Direct Link  http://www.hottech.net.cn/
Logo HOTTECH - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.

MMBT4401 Datasheet(HTML) 1 Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.

  MMBT4401 Datasheet HTML 1Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD. MMBT4401 Datasheet HTML 2Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Page:P2-P1
Plastic-Encapsulate Transistors
GUANGDONG
HOTTECH
INDUSTRIAL
CO,. LTD.
FEATURES
Switching transistor
Marking:2X
MAXIMUM RATINGS (TA=25
unless otherwise noted)
Parameter
Symbol
Value
Unit
Collector-Base Voltage
V
CBO
60
V
Collector-Emitter Voltage
V
CEO
40
V
Emitter-Base Voltage
V
EBO
6
V
Collector Current -Continuous
I
C
600
mA
Collector Power Dissipation
PC
300
mW
Junction Temperature
T
J
150
Storage Temperature
Tstg
-55 to +150
ELECTRICAL CHARACTERISTICS (Tamb=25
unless otherwise specified)
Parameter
Symbol
Test
conditions
Min
Max
Unit
Collector-base breakdown voltage
VCBO
IC= 100μA, IE=0
60
V
Collector-emitter breakdown voltage
VCEO
IC= 1mA, IB=0
40
V
Emitter-base breakdown voltage
VEBO
IE= 100μA, IC=0
6
V
Collector cut-off current
ICB
O
VCB=50 V, IE=0
0.1
μA
Collector cut-off current
ICE
O
VCE=30 V, IB=0
0.1
μA
Emitter cut-off current
IEB
O
VEB=5V, IC=0
0.1
μA
DC current gain
hF
E
VCE=1V, IC=150mA
100
300
Collector-emitter saturation voltage
VCE(sat) IC=150mA, IB=15mA
0.4
V
Base-emitter saturation voltage
VBE(sat)
IC= 150mA, IB=15mA
0.95
V
Transition frequency
fT
VCE= 10V, IC= 20mA
f = 100MHz
250
MHz
(NPN)
1. BASE
2. EMITTER
SOT-23
3. COLLECTO
MMBT4401


Similar Part No. - MMBT4401

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
MMBT4401 TRSYS-MMBT4401 Datasheet
195Kb / 2P
NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
logo
Zowie Technology Corpor...
MMBT4401 ZOWIE-MMBT4401 Datasheet
125Kb / 6P
SWITCHING TRANSISTOR NPN SILICON
logo
Fairchild Semiconductor
MMBT4401 FAIRCHILD-MMBT4401 Datasheet
29Kb / 2P
NPN General Purpose Amplifier
logo
Diodes Incorporated
MMBT4401 DIODES-MMBT4401 Datasheet
52Kb / 3P
NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30039 Rev. 4 - 2
logo
General Semiconductor
MMBT4401 GE-MMBT4401 Datasheet
117Kb / 3P
SMALL SIGNAL TRANSISTORS (NPN)
More results

Similar Description - MMBT4401

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
MMBT4403W KEXIN-MMBT4403W Datasheet
52Kb / 2P
Switching Transistor
FMMT717 KEXIN-FMMT717 Datasheet
37Kb / 2P
Switching Transistor
FMMT720 KEXIN-FMMT720 Datasheet
38Kb / 2P
Switching Transistor
logo
ON Semiconductor
BSV52LT1G ONSEMI-BSV52LT1G Datasheet
114Kb / 3P
Switching Transistor
August, 2009 ??Rev. 3
logo
SeCoS Halbleitertechnol...
MMBT4401W SECOS-MMBT4401W Datasheet
304Kb / 5P
Switching Transistor
MMBT4403W SECOS-MMBT4403W Datasheet
301Kb / 5P
Switching Transistor
logo
ON Semiconductor
MMBT4401WT1G ONSEMI-MMBT4401WT1G Datasheet
186Kb / 6P
Switching Transistor
October, 2010 -- Rev. 2
logo
SeCoS Halbleitertechnol...
MMBT4403W SECOS-MMBT4403W_15 Datasheet
301Kb / 5P
Switching Transistor
logo
GUANGDONG HOTTECH INDUS...
HCPS2907A HOTTECH-HCPS2907A Datasheet
398Kb / 4P
SWITCHING TRANSISTOR
logo
AiT Semiconductor Inc.
MBD1505 AITSEMI-MBD1505 Datasheet
889Kb / 5P
TRANSISTOR SWITCHING TRANSISTOR
REV1.0
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com