Electronic Components Datasheet Search
  English  ▼

X  

KTC4075 Datasheet(PDF) 1 Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.

Part # KTC4075
Description  Plastic-Encapsulate Transistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOTTECH [GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.]
Direct Link  http://www.hottech.net.cn/
Logo HOTTECH - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.

KTC4075 Datasheet(HTML) 1 Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.

  KTC4075 Datasheet HTML 1Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD. KTC4075 Datasheet HTML 2Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Page:P2-P1
Plastic-Encapsulate Transistors
GUANGDONG
HOTTECH
INDUSTRIAL
CO,. LTD.
FEATURES
• Excellent hFE linearity
• High hFE
• Low Noise
• Complementary to KTA2014
Maximum Ratings (Ta=25
unless otherwise noted)
Parameter
Symbol
Value
Unit
Collector-Base Voltage
VCBO
60
V
Collector-Emitter Voltage
VCEO
50
V
Emitter-Base Voltage
VEBO
5
V
Collector Current -Continuous
IC
0.15
A
Collector Power dissipation
PC
0.1
W
Junction Temperature
TJ
150
Storage Temperature
Tstg
-55to +150
ELECTRICAL CHARACTERISTICS ( @ Ta=25
unless otherwise specified)
Parameter
Symbol
Test
conditions
Min
Max
Unit
Collector-base breakdown voltage
VCBO
IC = 100μA, IE=0
60
V
Collector-emitter breakdown voltage
VCEO
IC = 1mA, IB=0
50
V
Emitter-base breakdown voltage
VEBO
IE= 100μA, IC=0
5
V
Collector cut-off current
ICBO
VCB=60V, IE=0
0.1
μA
Emitter cut-off current
IEBO
VEB=5V, IC=0
0.1
μA
DC current gain
hFE
VCE= 6V, IC=2mA
70
700
Collector-emitter saturation voltage
VCEsat
IC=100mA, IB= 10mA
0.25
V
Transition frequency
fT
VCE=10V, IC= 1mA
80
MHz
Collector output capacitance
Cob
VCE=10V, IE=0, f=1MHz
3.5
pF
Noise figure
NF
VCE=6V,IE=0.1mA, f=1KHz,RG=10KΩ
10
dB
CLASSIFICATION OF hFE
Rank
O
Y
GR
BL
Range
70-140
120-240
200-400
350-700
Marking
LO
LY
LGR
LBL
KTC4075 (NPN)
1. BASE
2. EMITTER
SOT-23
3. COLLECTO


Similar Part No. - KTC4075

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KTC4075 KEC-KTC4075 Datasheet
399Kb / 3P
EPITAXIAL PLANAR NPN TRANSISTOR (GENERAL PURPOSE, SWITCHING)
logo
Jiangsu Changjiang Elec...
KTC4075 JIANGSU-KTC4075 Datasheet
131Kb / 2P
TRANSISTOR竊뉿PN 竊
KTC4075 JIANGSU-KTC4075 Datasheet
182Kb / 3P
TRANSISTOR (NPN)
logo
Galaxy Semi-Conductor H...
KTC4075 BILIN-KTC4075 Datasheet
233Kb / 4P
NPN Silicon Epitaxial Planar Transistor
logo
Shenzhen Jin Yu Semicon...
KTC4075 HTSEMI-KTC4075 Datasheet
907Kb / 3P
TRANSISTOR (NPN)
More results

Similar Description - KTC4075

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
S9013 ETC-S9013 Datasheet
963Kb / 2P
PLASTIC ENCAPSULATE TRANSISTORS
logo
Micro Commercial Compon...
MMDT5401 MCC-MMDT5401 Datasheet
116Kb / 3P
Plastic-Encapsulate Transistors
logo
SeCoS Halbleitertechnol...
BCX51 SECOS-BCX51 Datasheet
1Mb / 1P
Plastic-Encapsulate Transistors
D882 SECOS-D882 Datasheet
277Kb / 2P
Plastic Encapsulate Transistors
logo
Micro Commercial Compon...
MMDT5401 MCC-MMDT5401_11 Datasheet
231Kb / 3P
Plastic-Encapsulate Transistors
logo
MAKO SEMICONDUCTOR CO.,...
2SC945 MAKOSEMI-2SC945 Datasheet
99Kb / 2P
Plastic-Encapsulate Transistors
KTC3875 MAKOSEMI-KTC3875 Datasheet
88Kb / 2P
Plastic-Encapsulate Transistors
logo
Nanjing International G...
KTA1275 DGNJDZ-KTA1275 Datasheet
149Kb / 1P
Plastic-Encapsulate Transistors
logo
Jiangsu Changjiang Elec...
2SD2142 JIANGSU-2SD2142 Datasheet
271Kb / 1P
Plastic-Encapsulate Transistors
BC516 JIANGSU-BC516 Datasheet
401Kb / 3P
Plastic-Encapsulate Transistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com