Electronic Components Datasheet Search
  English  ▼

X  

PLL1705DBQ Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # PLL1705DBQ
Description  3.3-V DUAL PLL MULTICLOCK GENERATOR
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PLL1705DBQ Datasheet(HTML) 16 Page - Texas Instruments

Back Button PLL1705DBQ Datasheet HTML 9Page - Texas Instruments PLL1705DBQ Datasheet HTML 10Page - Texas Instruments PLL1705DBQ Datasheet HTML 11Page - Texas Instruments PLL1705DBQ Datasheet HTML 12Page - Texas Instruments PLL1705DBQ Datasheet HTML 13Page - Texas Instruments PLL1705DBQ Datasheet HTML 14Page - Texas Instruments PLL1705DBQ Datasheet HTML 15Page - Texas Instruments PLL1705DBQ Datasheet HTML 16Page - Texas Instruments PLL1705DBQ Datasheet HTML 17Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 16 / 17 page
background image
PLL1705
PLL1706
SLES046A – AUGUST 2002 – REVISED SEPTEMBER 2002
www.ti.com
16
MECHANICAL DATA
DBQ (R-PDSO-G**)
PLASTIC SMALL-OUTLINE PACKAGE
4073301/F 02/02
0.069 (1,75) MAX
Seating Plane
0.004 (0,10)
0.010 (0,25)
0.010 (0,25)
0.016 (0,40)
0.035 (0,89)
0.244 (6,20)
0.228 (5,80)
112
24
13
0.150 (3,81)
0.157 (3,99)
0.008 (0,20) NOM
0
°–8°
Gauge Plane
0.012 (0,30)
0.008 (0,20)
0.197
(5,00)
(4,80)
0.189
A MAX
A MIN
PINS **
DIM
16
0.337
(8,56)
(8,74)
0.344
20
24
A
(8,74)
0.344
(8,56)
0.337
28
0.394
(10,01)
0.386
(9,80)
M0–137
VARIATION
AB
AD
AE
AF
0.025 (0,64)
0.005 (0,13)
0.004 (0,10)
D
NOTES:A. All linear dimensions are in millimeters.
B. This drawing is subject to change without notice.
C. Body dimensions do not include mold flash or protrusion not to exceed 0.006 (0,15).
D. Falls within JEDEC MO–137.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com