Electronic Components Datasheet Search
  English  ▼

X  

QL8325 Datasheet(PDF) 32 Page - List of Unclassifed Manufacturers

Part # QL8325
Description  LOW POWER FPGA COMBINING PERFORMANCE DENSITY AND EMBEDED RAM
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

QL8325 Datasheet(HTML) 32 Page - List of Unclassifed Manufacturers

Back Button QL8325 Datasheet HTML 28Page - List of Unclassifed Manufacturers QL8325 Datasheet HTML 29Page - List of Unclassifed Manufacturers QL8325 Datasheet HTML 30Page - List of Unclassifed Manufacturers QL8325 Datasheet HTML 31Page - List of Unclassifed Manufacturers QL8325 Datasheet HTML 32Page - List of Unclassifed Manufacturers QL8325 Datasheet HTML 33Page - List of Unclassifed Manufacturers QL8325 Datasheet HTML 34Page - List of Unclassifed Manufacturers QL8325 Datasheet HTML 35Page - List of Unclassifed Manufacturers QL8325 Datasheet HTML 36Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 49 page
background image
ZZZTXLFNORJLFFRP
‹ 4XLFN/RJLF&RUSRUDWLRQ
‡
‡
‡
‡
‡
‡
(FOLSVH,, )DPLO\ 'DWD 6KHHW5HY %
Preliminary

)LJXUH  (FOLSVH,, 2XWSXW5HJLVWHU &HOO7LPLQJ
7DEOH2XWSXW6OHZ5DWHV# 9&&,2  97 ° &
)DVW6OHZ
6ORZ6OHZ
Rising Edge
2.8 V/ns
1.0 V/ns
Falling Edge
2.86 V/ns
1.0 V/ns
7DEOH 2XWSXW 6OHZ 5DWHV # 9&&,2  9 7 ° &
)DVW6OHZ
6ORZ6OHZ
Rising Edge
1.7 V/ns
0.6 V/ns
Falling Edge
1.9 V/ns
0.6 V/ns
7DEOH 2XWSXW 6OHZ 5DWHV # 9&&,2  9 7 ° &
)DVW6OHZ
6ORZ6OHZ
Rising Edge
-
-
Falling Edge
-
-
L
H
L
H
tOUTLH
tOUTHL
L
H
Z
tPZH
L
H
Z
tPZL
L
H
Z
tPLZ
L
H
Z
tPHZ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com