Electronic Components Datasheet Search
  English  ▼

X  

1405921 Datasheet(PDF) 3 Page - PHOENIX CONTACT

Part # 1405921
Description  Network cable - VS-IP67-IP20-93E-LI/2,0
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1405921 Datasheet(HTML) 3 Page - PHOENIX CONTACT

  1405921 Datasheet HTML 1Page - PHOENIX CONTACT 1405921 Datasheet HTML 2Page - PHOENIX CONTACT 1405921 Datasheet HTML 3Page - PHOENIX CONTACT 1405921 Datasheet HTML 4Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
https://www.phoenixcontact.com/us/products/1405921
08/01/2016   Page 3 / 4
Network cable - VS-IP67-IP20-93E-LI/2,0 - 1405921
Technical data
Cable
in acc. to UL VW1
Halogen-free
According to IEC 60754-1
Resistance to oil
according to EN 60811-2-1
Ambient temperature (operation)
-40 °C ... 80 °C (cable, fixed installation)
-20 °C ... 80 °C (cable, flexible installation)
Ambient temperature (installation)
-20 °C ... 80 °C
Ambient temperature (storage/transport)
-20 °C ... 80 °C
Drawings
Cable cross section
PUR ETHERNET 2x2 FLEX [93E]
Circuit diagram
1
1 WHOG
OG
WHGN
GN
2
2
3
3
6
6
RJ45
RJ45
Dimensional drawing
18,5
37
Dimensional drawing
13,4
44,65
Classifications
eCl@ss
eCl@ss 4.0
272607xx
eCl@ss 4.1
27260701
eCl@ss 5.0
27260701
eCl@ss 5.1
27060307
eCl@ss 6.0
27061801
eCl@ss 7.0
27061801



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com