Electronic Components Datasheet Search
  English  ▼

X  

FPD85310 Datasheet(PDF) 27 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # FPD85310
Description  Panel Timing Controller
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

FPD85310 Datasheet(HTML) 27 Page - National Semiconductor (TI)

Back Button FPD85310 Datasheet HTML 21Page - National Semiconductor (TI) FPD85310 Datasheet HTML 22Page - National Semiconductor (TI) FPD85310 Datasheet HTML 23Page - National Semiconductor (TI) FPD85310 Datasheet HTML 24Page - National Semiconductor (TI) FPD85310 Datasheet HTML 25Page - National Semiconductor (TI) FPD85310 Datasheet HTML 26Page - National Semiconductor (TI) FPD85310 Datasheet HTML 27Page - National Semiconductor (TI) FPD85310 Datasheet HTML 28Page - National Semiconductor (TI) FPD85310 Datasheet HTML 29Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 27 / 29 page
background image
APPENDIX A: GPO Programming
Examples (Continued)
GPO Programming Example #3:
Generate a control signal which toggles during horizontal
blanking and alternates polarity each frame. This control sig-
nal is used as the reversal signal.
Horizontal time (clocks/line) = 1300 dot clocks
Vertical period (lines/frame) = 850 lines
Control is active beginning at line 1 and remains active for
769 lines.
(Odd number programmed in Duration Register causes con-
trol signal to alternate polarity each frame)
GPO Vertical Start Register = 1
GPO Vertical Duration Register = 769d (301h)
Positive going pulse causes output to toggle. Edge occurs
20 output clocks after end of each line (1024/2 + 20 = 532).
Pulse duration is not critical since the output will be in toggle
mode. (Dual Bus output clock = 32.5 MHz for 65 MHz XGA
video, 1024 pixels/line, 768 lines/frame).
Note: 6 counts are added to the output start # because the GPO pixel count
begins 6 clocks prior to the output data.
GPO Horizontal Start Register = 538 (238h)
GPO Horizontal Duration Register = 10d (0Ah)
The control pulses are positive (bit [0] = 0) and the toggle cir-
cuitry is enabled (bit1 [1] = 1).
GPO Control Register = 2
(For a second control signal of opposite polarity, program an-
other GPO Control Register with same count values with
GPO Control Register = 3.)
DS101086-25
www.national.com
27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com