Electronic Components Datasheet Search
  English  ▼

X  

RF2705PCBA-41X Datasheet(PDF) 23 Page - RF Micro Devices

Part # RF2705PCBA-41X
Description  LOW NOISE, MULTI-MODE, QUAD-BAND, QUADRATURE MODULATOR AND PA DRIVER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2705PCBA-41X Datasheet(HTML) 23 Page - RF Micro Devices

Back Button RF2705PCBA-41X Datasheet HTML 16Page - RF Micro Devices RF2705PCBA-41X Datasheet HTML 17Page - RF Micro Devices RF2705PCBA-41X Datasheet HTML 18Page - RF Micro Devices RF2705PCBA-41X Datasheet HTML 19Page - RF Micro Devices RF2705PCBA-41X Datasheet HTML 20Page - RF Micro Devices RF2705PCBA-41X Datasheet HTML 21Page - RF Micro Devices RF2705PCBA-41X Datasheet HTML 22Page - RF Micro Devices RF2705PCBA-41X Datasheet HTML 23Page - RF Micro Devices RF2705PCBA-41X Datasheet HTML 24Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 23 / 24 page
background image
5-135
RF2705
Rev A4 041026
PCB Design Requirements
PCB Surface Finish
The PCB surface finish used for RFMD’s qualification process is Electroless Nickel, immersion Gold. Typical thickness is
3
µinch to 8µinch Gold over 180µinch Nickel.
PCB Land Pattern Recommendation
PCB land patterns are based on IPC-SM-782 standards when possible. The pad pattern shown has been developed and
tested for optimized assembly at RFMD; however, it may require some modifications to address company specific
assembly processes. The PCB land pattern has been developed to accommodate lead and package tolerances.
PCB Metal Land Pattern
A = 0.69 x 0.28 (mm) Typ.
B = 0.28 x 0.69 (mm) Typ.
C = 2.50 (mm) Sq.
0.50 (mm) Typ.
0.50 (mm) Typ.
2.50 (mm)
Typ.
0.57 (mm) Typ.
1.25 (mm)
Typ.
0.57 (mm) Typ.
2.50 (mm)
Typ.
1.25 (mm)
Typ.
Pin 1
Pin 12
Pin 18
Pin 24
B
B
B
B
B
B
C
A
A
A
A
A
A
A
A
A
A
A
A
B
B
B
B
B
B
Figure 1. PCB Metal Land Pattern (Top View)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com