Electronic Components Datasheet Search
  English  ▼

X  

1407821 Datasheet(PDF) 3 Page - PHOENIX CONTACT

Part # 1407821
Description  Master cable - SAC-6P-10,0-PURMC/M12FR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1407821 Datasheet(HTML) 3 Page - PHOENIX CONTACT

  1407821 Datasheet HTML 1Page - PHOENIX CONTACT 1407821 Datasheet HTML 2Page - PHOENIX CONTACT 1407821 Datasheet HTML 3Page - PHOENIX CONTACT 1407821 Datasheet HTML 4Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
https://www.phoenixcontact.com/us/products/1407821
08/02/2016   Page 3 / 4
Master cable - SAC-6P-10,0-PURMC/M12FR - 1407821
Technical data
Cable
Material conductor insulation
PVC
Conductor material
Bare Cu litz wires
Insulation resistance
≥ 200 MΩ*km (at 20 °C)
Conductor resistance
78 Ω/km (at 20 °C)
Nominal voltage, cable
≤ 300 V AC
Test voltage, cable
≥ 3000 V AC (Spark test)
Special properties
Flexible use, however not recommended for use in drag chains
Low adhesion surface
wear-resistant and notch tough
Flame resistance
according to UL 758/1581 (horizontal)
in accordance with UL 758/1581 FT2
Resistance to oil
According to DIN EN 60811-2-1, 168 h at 100°C
Other resistance
hydrolysis and microbe resistant
Resistant to salt water
Ambient temperature (operation)
-40 °C ... 80 °C (cable, fixed installation)
-20 °C ... 80 °C (cable, flexible installation)
Drawings
Dimensional drawing
Ø14,8
M12
34,5
M12 x 1 socket, angled
Circuit diagram
1
WH
2
GN
3
YE
4
5
6
7
BU
8
GY
BN
Classifications
eCl@ss
eCl@ss 4.0
272607xx
eCl@ss 4.1
27260701
eCl@ss 5.0
27260701
eCl@ss 5.1
27061801



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com