Electronic Components Datasheet Search
  English  ▼

X  

S9255 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # S9255
Description  DVI INTERFACE WITH TCON DISPLAY PROCESSOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

S9255 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  S9255 Datasheet HTML 1Page - List of Unclassifed Manufacturers S9255 Datasheet HTML 2Page - List of Unclassifed Manufacturers S9255 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
GENESIS
MICROCHIP
S9255 Product Brief
s9255 Feature Details
Scaling Technology
•
Programmable Scaling Coefficients
•
Five zone variable scaling
•
Supports WXGA panels
•
Non-linear independent X/Y scaling
•
Advanced Scaling with variable sharpness control
•
Edge enhancement in native mode resolution
•
Supports image expansion and reduction
•
Zoom or shrink from any industry standard
input resolutions
•
Conversion between 4:3 and 16:9 aspect ratio
Video and Color Control Features
•
Intelligent Picture Processing ™
•
Adaptive Color and Contrast
•
Adaptive Backlight Level
•
ACM II (Advanced Active Color Management)
•
Video Window Detection
Input Ports
•
DVI Receiver
•
Single link integrated DVI-compliant
receiver up to 135MHz operation
•
Support for DE-only mode
•
Direct connect to all DVI-compliant
transmitters
•
High-bandwidth Digital Content
Protection (HDCP)
•
Video Port
•
CCIR 656 PAL / NTSC Input Capability
•
Video Window Detection
•
On-chip deinterlacing (bobbing)
•
Integrated YUV to RGB Converter
•
Glue-less interface to video digitizers
SureSync™ and AutoAdjust™
•
Automatically detects and syncs to changes
in incoming resolution and refresh rate
•
Fast, automatic optimization of Phase, Hsize,
Vertical and Horizontal position
•
Continuous monitoring of Input ports
On Screen Display
•
Character-based OSD with support for 16
foreground and 8 background colors.
•
Support for up to sixteen colors for characters
and display of logos and icons
•
Supports transparency and blending.
•
Independent X and Y overlay/menu zoom by a
factor of (1 to 8).
•
Flexible character generator for variable sizes
up to 16x32.
•
Character attributes for 1, 2, 4 bits/pixel.
•
Fully programmable OSD memory of 4k x 16bits
•
Multiple language support.
Panel Interface
•
Support for one pixel/clock (18 and 24 bit), 2
pixel/clock (36 and 48 bit) TFT TTL panels
•
Support for eight-bit or six-bit panels with high
quality dithering
•
Second Generation flicker free Timing
Controller (TCON)
Supported Panel Resolutions
•
SXGA (1280x1024 @ 75Hz) resolution
•
XGA (1024 x 768 @ 85 Hz) resolution
Color Look up Table
•
24 bit/pixel (8 bit each for R, G, B).
•
10-bit Gamma correction for true color display.
•
Dual Gamma Tables
•
Optional 24-bit to 18-bit high quality dither support
•
High fidelity Color Mapping – up to 16M colors.
System Interface Support
•
4 PWM channels can be programmed as Panel
On /Off, Backlight On /Off etc.,
•
24 GPIO pins
•
Industry standard 2 wire serial host interface
for HDCP communication
3.3V Operation
208-pin LQFP Package
www.genesis-microchip.com
This document is Subject to Change Without Notice



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com