| Electronic Components Datasheet Search |
|
DSOS404A Datasheet(PDF) 2 Page - Keysight Technologies |
|
|
|||||||||||||||||||||||||||||
DSOS404A Datasheet(HTML) 2 Page - Keysight Technologies |
|
2 / 42 page ![]() 02 | Keysight | Infiniium S-Series High-Definition Oscilloscopes - Data Sheet Welcome to the Next Generation of Oscilloscope Technology There is no better way to experience that superiority of the Infiniium S-Series oscilloscopes than to use one. Contact Keysight today to request a demo. Or visit, www.keysight.com/find/S-Series The Infiniium S-Series offers bandwidths from 500 MHz up to 8 GHz. Each model, equipped with a large 15” XGA capacitive touch screen, comes in a quiet package that is just 9” (23 cm) deep. Infiniium S-Series oscilloscopes incorporate innovative technology designed to deliver superior measurements. Our new 10-bit ADC and low-noise front-end technology work together to provide up to 8 GHz performance with the industry’s best signal integrity. We put these in an advanced frame with a solid state drive for fast boot-up, capacitive 15” display for easy touch capability, and a high-powered motherboard for fast processing. It’s all compatible with a myriad of Keysight Technologies, Inc. probes and Infiniium applications. Scope channels DSO models 4 scope channels MSO models 4 scope channels + 16 digital channels Analog bandwidth Max sample rate ADC bits Standard memory depth User-installed bandwidth upgrades DSOS054A MSOS054A 500 MHz 20 GSa/s (2 channels) 10 GSa/s (4 channels) 10 100 Mpts (2 channels) 50 Mpts (4 channels) Yes DSOS104A MSOS104A 1 GHz DSOS204A MSOS204A 2 GHz DSOS254A MSOS254A 2.5 GHz DSOS404A MSOS404A 4 GHz DSOS604A MSOS604A 6 GHz 1 DSOS804A MSOS804A 8 GHz 1 1. 6 GHz and 8 GHz bandwidth supported in 2-channel mode. If all four channels are on, a maximum bandwidth of 4 GHz is supported. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |