Electronic Components Datasheet Search
  English  ▼

X  

SC84510 Datasheet(PDF) 10 Page - Silan Microelectronics Joint-stock

Part # SC84510
Description  PS/2 SCROLLING MOUSE CONTROLIER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC84510 Datasheet(HTML) 10 Page - Silan Microelectronics Joint-stock

Back Button SC84510 Datasheet HTML 6Page - Silan Microelectronics Joint-stock SC84510 Datasheet HTML 7Page - Silan Microelectronics Joint-stock SC84510 Datasheet HTML 8Page - Silan Microelectronics Joint-stock SC84510 Datasheet HTML 9Page - Silan Microelectronics Joint-stock SC84510 Datasheet HTML 10Page - Silan Microelectronics Joint-stock SC84510 Datasheet HTML 11Page - Silan Microelectronics Joint-stock SC84510 Datasheet HTML 12Page - Silan Microelectronics Joint-stock SC84510 Datasheet HTML 13Page - Silan Microelectronics Joint-stock SC84510 Datasheet HTML 14Page - Silan Microelectronics Joint-stock Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
Silan
Semiconductors
SC84510
HANGZHOU SILAN MICROELECTRONICS JOINT-STOCK CO.,LTD
Rev: 1.0
2000.12.31
10
(g) Read Device Type (F2)
SC84510 always echoes “ FA, 00 “ following this command.
(h) Set Remote Mode (F0)
Data values are reported only in response to a Read Data command.
(i) Set Wrap Mode (EE)
Wrap mode remains until Reset (FF) or Reset Wrap Mode (EC) is received.
(j) Reset Wrap Mode (EC)
SC84510 returns to the previous mode of operation after receiving this command.
(k) Read Data (EB)
This command is executed in either remote or stream mode. The data is transmitted even if there has
been no movement since the last report or the button status is unchanged. Following a Read Data
command, the registers are cleared after a data transmission.
(l) Set Stream Mode (EA)
This command sets SC84510 in stream mode.
(m) Status Request (E9)
When this command is issued by the system, SC84510 respond with a 3-byte status report as follows:
Byte
Bit
Description
1
0
1 = Right button pressed
1
1 = Middle button pressed
2
1 = Left button pressed
3
Reserved
4
0 = Normal speed, 1 = Auto-speed
5
0 = Disabled, 1 = Enabled
6
0 = stream mode, 1 = Remote mode
7
Reserved
2
0~7
Current resolution setting (D0~D7)
3
0~7
Current sampling rate (D0~D7)
(n) Set Resolution (E8, XX)
SC84510 provides four resolutions selected by the second byte of this command as follows:
Second Byte XX
Resolution
00
8 dots/count
01
4 dots/count
02
2 dots/count
03
1 dot/count
(o) Set Auto-speed (E7)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com