Electronic Components Datasheet Search
  English  ▼

X  

SC84510CP Datasheet(PDF) 13 Page - Silan Microelectronics Joint-stock

Part # SC84510CP
Description  PS/2 SCROLLING MOUSE CONTROLIER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC84510CP Datasheet(HTML) 13 Page - Silan Microelectronics Joint-stock

Back Button SC84510CP Datasheet HTML 9Page - Silan Microelectronics Joint-stock SC84510CP Datasheet HTML 10Page - Silan Microelectronics Joint-stock SC84510CP Datasheet HTML 11Page - Silan Microelectronics Joint-stock SC84510CP Datasheet HTML 12Page - Silan Microelectronics Joint-stock SC84510CP Datasheet HTML 13Page - Silan Microelectronics Joint-stock SC84510CP Datasheet HTML 14Page - Silan Microelectronics Joint-stock SC84510CP Datasheet HTML 15Page - Silan Microelectronics Joint-stock SC84510CP Datasheet HTML 16Page - Silan Microelectronics Joint-stock SC84510CP Datasheet HTML 17Page - Silan Microelectronics Joint-stock  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
Silan
Semiconductors
SC84510
HANGZHOU SILAN MICROELECTRONICS JOINT-STOCK CO.,LTD
Rev: 1.0
2000.12.31
13
TIMING DIAGRAM
Tr
Tf
X1(Y1)
X2(Y2)
CLK
DATA
CLK
DATA
Inhibit
Start
Bit
Bit0-Bit7
Parity
Bit
Line
Control
Bit
Stop
Bit
Start
Bit
Bit0-Bit7
Parity
Bit
Stop
Bit
Tscl
Tsca
Tscd
Tsdc
Tpi
Tmdc
Tmca
Tmci
1st
CLK
2rd
CLK
9th
CLK
10th
CLK
11th
CLK
1st
CLK
2nd
CLK
10th
CLK
11th
CLK
(2) PS/2 Mouse
(B) Sending Data
(A) Receiving Data
(1) Photo-couples pulse width
AC TIMING POINT
VDD-2.6
VSS+0.4V
+1.6V
VSS
VDD
VSS+0.8V
VDD-0.8V
VSS
L, M, R PIN
CLK, DATA PIN
Input:
X1, X2, Y1, Y2 PIN
Output:
DATA
CLK PIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com