Electronic Components Datasheet Search
  English  ▼

X  

SC84510DP Datasheet(PDF) 8 Page - Silan Microelectronics Joint-stock

Part # SC84510DP
Description  PS/2 SCROLLING MOUSE CONTROLIER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC84510DP Datasheet(HTML) 8 Page - Silan Microelectronics Joint-stock

Back Button SC84510DP Datasheet HTML 4Page - Silan Microelectronics Joint-stock SC84510DP Datasheet HTML 5Page - Silan Microelectronics Joint-stock SC84510DP Datasheet HTML 6Page - Silan Microelectronics Joint-stock SC84510DP Datasheet HTML 7Page - Silan Microelectronics Joint-stock SC84510DP Datasheet HTML 8Page - Silan Microelectronics Joint-stock SC84510DP Datasheet HTML 9Page - Silan Microelectronics Joint-stock SC84510DP Datasheet HTML 10Page - Silan Microelectronics Joint-stock SC84510DP Datasheet HTML 11Page - Silan Microelectronics Joint-stock SC84510DP Datasheet HTML 12Page - Silan Microelectronics Joint-stock Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
Silan
Semiconductors
SC84510
HANGZHOU SILAN MICROELECTRONICS JOINT-STOCK CO.,LTD
Rev: 1.0
2000.12.31
8
(D) PS/2 Mouse Error Handling:
(a) A Resend command (FE) following receipt of an invalid input or any input with incorrect parity.
(b) If two invalid input are received in succession, an error code of hex FC send to the system.
(c) The counter accumulators are cleared after receiving any command except “Resend”.
(d) SC84510 receives a Resend command (FE), it transmit its last packet of data.
(e) In the stream mode “Resend” is received by SC84510 following a 3-byte data packet transmission to the
system. SC84510 resend the 3-byte data packet prior to clearing the counter.
(f) A response is sent within 25 ms if
a The system requires a response
b An error is detected in the transmission
(g) When a command requiring a response is issued by the system, another command should not be issue until
either the response is received or 25ms has passed.
(E) PS/2 Mouse Commands Description:
There are 16 valid commands that transmits between the system and SC84510. The “FA” code is always the
first response to any valid input received from the system other than a Set Wrap Mode or Resend command. The
following table list the commands:
The following describes valid commands:
Hex Code
Command
SC84510 echo code
FF
Reset
FA, AA, 00
FE
Resend
XX, (XX, XX)
F6
Set Default
FA
F5
Disable
FA
F4
Enable
FA
F3, XX
Set Sampling Rate
FA, FA
F2
Read Device Type
FA, 00
F0
Set Remote Mode
FA
EE
Set Wrap Mode
FA
EC
Reset Wrap Mode
FA
EB
Read Data
FA, XX, XX, XX
EA
Set Stream Mode
FA
E9
Status Request
FA, XX, XX, XX
E8, XX
Set Resolution
FA, FA
E7
Set Auto-speed
FA
E6
Reset Auto-speed
FA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com