Electronic Components Datasheet Search
  English  ▼

X  

SI786CG Datasheet(PDF) 5 Page - Vishay Siliconix

Part # SI786CG
Description  Dual-Output Power-Supply Controller
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI786CG Datasheet(HTML) 5 Page - Vishay Siliconix

  SI786CG Datasheet HTML 1Page - Vishay Siliconix SI786CG Datasheet HTML 2Page - Vishay Siliconix SI786CG Datasheet HTML 3Page - Vishay Siliconix SI786CG Datasheet HTML 4Page - Vishay Siliconix SI786CG Datasheet HTML 5Page - Vishay Siliconix SI786CG Datasheet HTML 6Page - Vishay Siliconix SI786CG Datasheet HTML 7Page - Vishay Siliconix SI786CG Datasheet HTML 8Page - Vishay Siliconix SI786CG Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
Si786
Vishay Siliconix
Document Number: 70189
S-40807—Rev. J, 26-Apr-04
www.vishay.com
5
TYPICAL CHARACTERISTICS (25
_C UNLESS NOTED)
0.1
1.0
10.0
100.0
1000.0
0.1
10
100
1000
1
0.0
0.2
0.4
0.6
0.8
1.0
0.001
0.1
1
10
0.01
0
25
50
75
100
0
6
12
18
24
30
Switching Frequency vs. Load Current
SHDN = 0 V
Shutdown Supply Current vs. Supply Voltage
Supply Voltage (V)
Load Current (mA)
Pulse-Skipping Waveforms
200 mS/div
ILoad = 100 mA
VIN = 10 V
5-V Output Current (A)
500 ns/div
5-V Output Current = 1 A
VIN = 16 V
Minimum VIN to VOUT Differential
vs. 5-V Output Current
300 kHz
SYNC = REF (300 kHz)
ON3 = ON5 = 5 V
5-V Output
Still Regulating
200 kHz
5 V, V+ = 7.5 V
5 V, V+ = 30 V
3.3 V, V+ = 7.5 V
Pulse-Width Modulation Mode Waveforms
5-V Output
50 mV/div
2 V/div
5-V Output
50 mV/div
LX 10 V/div



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com