Electronic Components Datasheet Search
  English  ▼

X  

MSOS104A Datasheet(PDF) 37 Page - Keysight Technologies

Part # MSOS104A
Description  Infiniium S-Series High-Definition Oscilloscopes
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

MSOS104A Datasheet(HTML) 37 Page - Keysight Technologies

Back Button MSOS104A Datasheet HTML 33Page - Keysight Technologies MSOS104A Datasheet HTML 34Page - Keysight Technologies MSOS104A Datasheet HTML 35Page - Keysight Technologies MSOS104A Datasheet HTML 36Page - Keysight Technologies MSOS104A Datasheet HTML 37Page - Keysight Technologies MSOS104A Datasheet HTML 38Page - Keysight Technologies MSOS104A Datasheet HTML 39Page - Keysight Technologies MSOS104A Datasheet HTML 40Page - Keysight Technologies MSOS104A Datasheet HTML 41Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 42 page
background image
37 | Keysight | Infiniium S-Series High-Definition Oscilloscopes - Data Sheet
Infiniium S-Series Performance Characteristics (Continued)
Trigger
Trigger: digital channels MSO models
Threshold range (user defined)
± 8.0 V in 10-mV increments
Threshold accuracy
± (100 mV + 3% of threshold setting)
Trigger modes
Edge (analog and digital)
Triggers on a specified slope (rising, falling or alternating between rising and falling) and voltage level on
any channel
Edge transition (analog)
Trigger on rising or falling edges that cross two voltage levels in > or < the amount of time specified.
Edge transition setting from 250 ps
Edge then edge (time) (analog and digital)
The trigger is qualified by an edge. After a specified time delay between 10 ns to 10 s, a rising or falling
edge on any one selected input will generate the trigger
Edge then edge (event) (analog and digital)
The trigger is qualified by an edge. After a specified delay between 1 to 16,000,000 rising or falling
edges, another rising or falling edge on any one selected input will generate the trigger
Glitch (analog and digital)
Triggers on glitches narrower than the other pulses in your waveform by specifying a width less than
your narrowest pulse and a polarity. Glitch range settings equal pulse width settings
Pulse width (analog and digital)
Trigger on a pulse that is wider or narrower than specified. Pulse width range setting is 250 ps to 10 s for
analog channels and 2 ns to 10 s for digital channels
1 GHz and 500 MHz model
Minimum detectable pulse width
150 ps for analog channels
1 ns for digital channels
2 GHz and 2.5 GHz model
Minimum detectable pulse width
100 ps for analog channels
1 ns for digital channels
4 GHz, 6 GHz, 8 GHz model
Minimum detectable pulse width
50 ps for analog channels
1 ns for digital channels
Runt (analog)
Triggers on a pulse that crosses one threshold but fails to cross a second threshold before crossing the
first again. Runt settings equal pulse width settings
Timeout (analog and digital)
Trigger when a channel stays high, low, or unchanged for too long
Timeout settings equal pulse width settings
Pattern/pulse range
Triggers when a specified logical combination of the channels is entered, exited, present for a (analog
and digital)
Specified period of time or is within a specified time range or times out. Each channel can have a value of
High (H), Low (L) or Don’t care (X)
State (analog and digital)
Pattern trigger clocked by the rising, falling or alternating between rising and falling edge of one
channel.
Setup/hold (analog)
Triggers on setup, hold, or setup and hold violations in your circuit. Requires a clock and data signal on
any two inputs (except aux or line) channels as trigger sources. Setup and/or hold time must then be
specified.
Window (analog)
Trigger on entering, exiting, or inside specified voltage range
Protocol packets
Requires specified protocol option, I2C, SPI, CAN, LIN, RS-232/UART, SVID, USB, PCIe® Gen 1
Zone-qualified
Requires InfiniiScan software option. SW-based triggering across up to 8 user-drawn zones. For each
zone, user specifies “must intersect” or “must not intersect.” Zones can be drawn on multiple channels
and combined using Boolean expressions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com