Electronic Components Datasheet Search
  English  ▼

X  

MSOS204A Datasheet(PDF) 5 Page - Keysight Technologies

Part # MSOS204A
Description  Infiniium S-Series High-Definition Oscilloscopes
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

MSOS204A Datasheet(HTML) 5 Page - Keysight Technologies

  MSOS204A Datasheet HTML 1Page - Keysight Technologies MSOS204A Datasheet HTML 2Page - Keysight Technologies MSOS204A Datasheet HTML 3Page - Keysight Technologies MSOS204A Datasheet HTML 4Page - Keysight Technologies MSOS204A Datasheet HTML 5Page - Keysight Technologies MSOS204A Datasheet HTML 6Page - Keysight Technologies MSOS204A Datasheet HTML 7Page - Keysight Technologies MSOS204A Datasheet HTML 8Page - Keysight Technologies MSOS204A Datasheet HTML 9Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 42 page
background image
05 | Keysight | Infiniium S-Series High-Definition Oscilloscopes - Data Sheet
Industry’s Best Signal Integrity (Continued)
S-Series next-generation technology blocks enable superior measurements (Continued)
Superior time base
Time scale accuracy is critical, especially for deep-memory applications.
Measurement of jitter is necessary for ensuring high-speed system
reliability. Intrinsic jitter associated with an oscilloscope includes the jitter
measurement internal to the scope. The lower the value, the better you’ll
be able to characterize your device. S-Series scopes achieve precise time
accuracy with a next-generation time base architecture.
– Best-in-industry time scale accuracy of 12 parts per billion after
calibration for accurate deep-memory measurements
– Low jitter measurement floor with 100 fs (typical) of intrinsic jitter
Signal processing in hardware
S-Series oscilloscopes are built with an advanced FPGA dedicated for fast
and precise signal processing. The technology produces the fastest deep
memory responsiveness in the industry and provides additional hardware
filtering for superior measurements.
– Hardware-based algorithms for accelerated drawing to display (pixel
placement) enable fast pan and zoom even with deep memory
– Frequency-response correction filters produce flat responses for both
magnitude and phase for more accurate waveforms
– User-selectable hardware bandwidth-limiting correction filters from
500 MHz up to the oscilloscope’s bandwidth reduce unwanted noise,
plus additional front end filters for even more bandwidth limiting
options
– Supports cabled 2-channel differential inputs (channels 1 to 3 or
channels 2 to 4) without requiring a differential probe
– The DSP technology block supports rapid optional de-embedding
technologies such as InfiniiSim, Precision Probe, and equalization
Responsive deep memory
S-Series oscilloscopes come with the industry’s most responsive
deep memory. With standard 50 Mpts/channel on all four channels
simultaneously, capture long time periods while retaining fast sample rates.
Fast update rates mean your oscilloscope will stay responsive with deep
memory on to ensure precise representation of analog signals.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com