Electronic Components Datasheet Search
  English  ▼

X  

2102 Datasheet(PDF) 5 Page - Pulse A Technitrol Company

Part # 2102
Description  SWITCH-MODE TRANSFORMER GUIDE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

2102 Datasheet(HTML) 5 Page - Pulse A Technitrol Company

  2102 Datasheet HTML 1Page - Pulse A Technitrol Company 2102 Datasheet HTML 2Page - Pulse A Technitrol Company 2102 Datasheet HTML 3Page - Pulse A Technitrol Company 2102 Datasheet HTML 4Page - Pulse A Technitrol Company 2102 Datasheet HTML 5Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
50
www.pulseeng.com
G003.U (2/07)
SLOT SMT CCFL
Series 7001 – Switch-Mode Transformers for Cold-Cathode
Florescent Lamp (CCFL) Inverters
Applications
These transformers are mainly intended to be used as Switch-ModeTransformers for
LCD TV sets from 15” to 37”, as DC/AC inverters for CCFL backlight or supplied as
complete inverter backlight board to be assembled to the LCD panel for its power supply.
Features
● The magnetic circuit of these transformers consists of two UI (FRM)-/EFD-type, low-profile
ferrite cores having rectangular central leg where the windings and the air gap are placed
● Maximum Output Power: 6 W @ 50 kHz
● Slot technology, copper wire windings
● Non-potted construction
● Start-up Output Voltage: 2 kVrms; Open Output Voltage: 1.6k Vrms; Lamp Voltage: 750 Vrms
Mechanical and Magnetic Data
● Low-profile, horizontal SMD coil-formers result in a component height down
to 5mm above the PCB
● Maximum horizontal dimensions: 32mm x 21mm
Options
● Customized electrical design and pinout
● Wide core shapes and size range availability: UI-8.8~17, EFD-10~25
● Potted construction on request
LCD TV & PLASMA TV COMPONENTS
(continued)
Active PFC Coil
Series 2182.5 – Power-Factor-Correction Coil
Applications
This choke is mainly intended to be used as harmonics coils for high-end 22” LCD TV sets to make
them comply with the EN61000-3-2 standard. The most suitable circuit topology for this choke is a
transition-mode controlled boost DC/DC converter (i.e. MC33262 from ON Semiconductor). The
common range of operation for this choke is from 50-150 kHz.
Features
● Magnetic circuit of chokes consists of EE-type ferrite core having a squared central leg where
the windings and the air gap are placed
● Maximum primary power: 100 W @ 100 kHz
● Layer technology, enameled Lizt wire are recommended for proximity and skin effect reduction
Mechanical and Magnetic Data
● Pin-out configuration: 10 dual-in-line pins (5+5) with 25mm spacing
and 5mm pitch
● The ferrite core is E30/15/7-type, resulting in a component height
down to 22mm above the PCB
● Maximum horizontal dimensions: 24mm x 30mm
Options
● Customized electrical design and pinout
CONSUMER PRODUCTS
For more information, contact Pulse Consumer Division Applications Engineering via e-mail at: consumer@pulseeng.com.
Consumer Products



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com