Electronic Components Datasheet Search
  English  ▼

X  

H0002 Datasheet(PDF) 2 Page - Pulse A Technitrol Company

Part # H0002
Description  10/100 PC CARD LAN MAGNETICS MODULES
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

H0002 Datasheet(HTML) 2 Page - Pulse A Technitrol Company

  H0002 Datasheet HTML 1Page - Pulse A Technitrol Company H0002 Datasheet HTML 2Page - Pulse A Technitrol Company H0002 Datasheet HTML 3Page - Pulse A Technitrol Company H0002 Datasheet HTML 4Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
USA 858 674 8100 •• UK 44 1483 401 700 •• France 33 3 84 35 04 04 •• Singapore 65 6287 8998 •• Shanghai 86 21 32181071 •• China 86 769 5538070 •• Taiwan 886 2 26980228
www.pulseeng.com
2
H304.G (8/06)
.350
8,89
H0020
DATE CODE
COUNTRY OF ORIGIN
.500
12,70
.495
12,57
.020
0,51
12X
.400
10,16
12X .030
0,76
.410
10,41
.150
3,81
.525
13,34
8X .050
1,27
.350
8,89
8X .050
1,27
.004/0,10
12 SURFACES
.077 MAX
1,96
.010
0,25
12X 0°– 8°
.040
1,02
12X
10/100 PC CARD LAN
MAGNETICS MODULES
DATE CODE
COUNTRY OF ORIGIN
.560
14,22
.050
1,27
.560
14,22
.670
17,01
.050
1,27
.047
1,19
.003
0,08
0°– 8°
16 SURFACES
.005/0,13
MAX
.082
2,08
16X.030
0,76
H0009
TYP
.590
14,99
.055
1,40
.030
0,76
.150
3,81
. 450
11,43
.340
8,63
.020
0,51
12X
.050
1,27
8X
.350
8,89
H0022/25
DATE CODE
COUNTRY OF ORIGIN
.465
11,81
12X .030
0,76
.150
3,81
.050
1,27
8X
.350
8,89
.475
12,07
.360
9,14
.085
2,16 MAX
.010
0,25
.004/0,10
12 SURFACES
.040
1,02
12X
12X 0°– 8°
.010
0,25
16 Surfaces
.004/0,10
7X
.050
1,27
16X
.020
0,51
MAX
.078
1,98
.035
0,89
16X
16X0°– 8°
MAX
.500
12,70
MAX
.280
7,11
MAX
.380
9,65
TYP
.350
8,89
DATE CODE
COUNTRY OF ORIGIN
.350
8,89
.410
10,41
.290
7,37
.050
1,27
16X .030
0,76
H0013/19
Mechanicals
H0013, H0019*
Weight . . . . . . . . ..3 grams
Tape & Reel . . . . .2000/reel
Tube . . . . . . . . . . . .40/tube
Weight . . . . . . . . .4 grams
Tape & Reel . . . . . .500/reel
Tube . . . . . . . . . . . .40/tube
Weight . . . . . . .355 grams
Tape & Reel . . . . .1000/reel
Tube . . . . . . . . . . . .40/tube
H0022, H0025
H0009
Weight . . . . . . . .1.3 grams
Tape & Reel . . . . . .900/reel
Tube . . . . . . . . . . . .25/tube
H0020
*The H0019 has a Max height of .086” (0,22 mm)
*
Dimensions: Inches
mm
Unless otherwise specified, all tolerances are ± .010
0,25
Dimensions: Inches
mm
Unless otherwise specified, all tolerances are ± .010
0,25



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com