Electronic Components Datasheet Search
  English  ▼

X  

B8047 Datasheet(PDF) 4 Page - Pulse A Technitrol Company

Part # B8047
Description  BROADBAND xDSL, HPN, CMCs
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

B8047 Datasheet(HTML) 4 Page - Pulse A Technitrol Company

  B8047 Datasheet HTML 1Page - Pulse A Technitrol Company B8047 Datasheet HTML 2Page - Pulse A Technitrol Company B8047 Datasheet HTML 3Page - Pulse A Technitrol Company B8047 Datasheet HTML 4Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4
www.pulseeng.com
G003.U (2/07)
HOME NETWORKING PRODUCTS
All 1M8 Home Phoneline Networking Chipsets
B6003
HPNA 1
—
2000
B916
B6003L
HPNA 1
—
2000
B960
Conexant: CX24611 Integrated HomePNA 2.0 device
BX6034
HPNA 1
—
2000
B996
CopperGate HPNA3 Chipset
B6105NL
HPNA3
—
1500
B891
Entropic: c.LINK™
C6039
MoCA 2
—
—
C250
1. HPNA™ - Home Phoneline Networking Alliance
2. MoCA® - Multimedia over Coax Alliance
Part
Primary
Secondary
Isolation
Data
Number
Application
Application
Voltage
Sheet
Filters
ST5382
HPNA 1
1:1
120
2000
ST5382
B6014
HPNA 1
1:1
40
1500
B971
B6080
HomePlug 2
1:1
250
2000
B805
1. HPNA™ - Home Phoneline Networking Alliance
2. HomePlug® Powerline Alliance
Part
Application
Turns
Inductance
Isolation
Data
Number
Ratio
(µH MIN)
Voltage (Vrms)
Sheet
Transformers
For ADSL/VDSL
1
COMMON MODE CHOKES
B2005
45
47
43
1500
B902
B2013
45
47
43
1500
B902
BX8213
45
47
43
500
B829
B4001 1
45
49
35
1500
B912
B4003 1
45
49
35
1500
B912
BX4053 2
45
49
35
1500
B912
30 kHz
1 MHz
2 MHz
BX8191
30
51
45
1500
B824
BX8192 2
30
51
45
1500
B824
1. To reduce common mode noise from AM or HAM radio
2. Dual
Part
Common Mode
Isolation
Data
Number
Attenuation (dB TYP)
Voltage
Sheet
500 kHz
1 MHz
10 MHz
(Vrms)
THT - Through Hole Package SMT - Surface Mount Package
Broadband Access: xDSL, HPN, CMCs
BROADBAND ACCESS: xDSL, HPN, CMCs



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com