Electronic Components Datasheet Search
  English  ▼

X  

SI8402DB Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SI8402DB
Description  20-V N-Channel 1.8-V (G-S) MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI8402DB Datasheet(HTML) 2 Page - Vishay Siliconix

  SI8402DB Datasheet HTML 1Page - Vishay Siliconix SI8402DB Datasheet HTML 2Page - Vishay Siliconix SI8402DB Datasheet HTML 3Page - Vishay Siliconix SI8402DB Datasheet HTML 4Page - Vishay Siliconix SI8402DB Datasheet HTML 5Page - Vishay Siliconix SI8402DB Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Si8402DB
Vishay Siliconix
New Product
www.vishay.com
2
Document Number: 72657
S-32557—Rev. A, 15-Dec-03
SPECIFICATIONS (TJ = 25_C UNLESS OTHERWISE NOTED)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Static
Gate Threshold Voltage
VGS(th)
VDS = VGS, ID = 250 mA
0.4
1.0
V
Gate-Body Leakage
IGSS
VDS = 0 V, VGS = "8 V
"100
nA
Zero Gate Voltage Drain Current
IDSS
VDS = 20 V, VGS = 0 V
1
mA
Zero Gate Voltage Drain Current
IDSS
VDS = 20 V, VGS = 0 V, TJ = 70_C
5
mA
On-State Drain Currenta
ID(on)
VDS v 5 V, VGS = 4.5 V
5
A
VGS = 4.5 V, ID = 1 A
0.031
0.037
Drain-Source On-State Resistancea
rDS(on)
VGS = 2.5 V, ID = 1 A
0.033
0.039
W
DS(on)
VGS = 1.8 V, ID = 1 A
0.035
0.043
Forward Transconductancea
gfs
VDS = 10 V, ID = 1 A
12
S
Diode Forward Voltagea
VSD
IS = 1 A, VGS = 0 V
0.8
1.2
V
Dynamicb
Total Gate Charge
Qg
17
26
Gate-Source Charge
Qgs
VDS = 10 V, VGS = 4.5 V, ID = 1 A
2
nC
Gate-Drain Charge
Qgd
3.1
Gate Resistance
Rg
f = 1 MHz
15
W
Turn-On Delay Time
td(on)
30
45
Rise Time
tr
VDD = 10 V, RL = 10 W
45
70
Turn-Off Delay Time
td(off)
VDD = 10 V, RL = 10 W
ID ^ 1 A, VGEN = 4.5 V, Rg = 6 W
145
220
ns
Fall Time
tf
75
115
Source-Drain Reverse Recovery Time
trr
IF = 1 A, di/dt = 100 A/ms
30
60
Notes
a.
Pulse test; pulse width v 300 ms, duty cycle v 2%.
b.
Guaranteed by design, not subject to production testing.
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
0
5
10
15
20
25
30
0.00 0.25 0.50 0.75 1.00 1.25 1.50 1.75 2.00
0
5
10
15
20
25
30
0
1234
5
VGS = 5 thru 2 V
25_C
TC = 125_C
−55_C
1.5 V
Output Characteristics
Transfer Characteristics
VDS − Drain-to-Source Voltage (V)
VGS − Gate-to-Source Voltage (V)
1 V



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com