Electronic Components Datasheet Search
  English  ▼

X  

86115D-002 Datasheet(PDF) 21 Page - Keysight Technologies

Part # 86115D-002
Description  Wide-Bandwidth Oscilloscope Mainframe and Modules
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

86115D-002 Datasheet(HTML) 21 Page - Keysight Technologies

Back Button 86115D-002 Datasheet HTML 17Page - Keysight Technologies 86115D-002 Datasheet HTML 18Page - Keysight Technologies 86115D-002 Datasheet HTML 19Page - Keysight Technologies 86115D-002 Datasheet HTML 20Page - Keysight Technologies 86115D-002 Datasheet HTML 21Page - Keysight Technologies 86115D-002 Datasheet HTML 22Page - Keysight Technologies 86115D-002 Datasheet HTML 23Page - Keysight Technologies 86115D-002 Datasheet HTML 24Page - Keysight Technologies 86115D-002 Datasheet HTML 25Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 37 page
background image
21 | Keysight | Infiniium DCA-X 86100D Wide-Bandwidth Oscilloscope Mainframe and Modules - Data Sheet
Dual electrical (Continued)
Clock recovery
86108A
86108B-216
86108B-232
Data rate input range (continuous tuning)
0.05 to 14.2 Gb/s (requires FW
revision 8.1 or higher)
0.05 to 16 Gb/s
0.05 to 32 Gb/s
Clock frequency input range (continuous
tuning)
0.025 to 6.75 GHz
0.025 to 8 GHz
0.025 to 16 GHz
Minimum input level to aquire lock
175 mV
pp
175 mV
pp
175 mV
pp
Recovered clock random jitter (used as
internal trigger) 1
Internal recovered clock trigger
< 500 fs at 2 Gb/s
< 350 fs at data rate < 2 Gb/s
< 350 fs at data rate < 2 Gb/s
< 400 fs at 5 and 10 Gb/s
< 300 fs at data rate ≥ 2 Gb/s
< 300 fs at data rate ≥ 2 Gb/s
Clock recovery adjustable loop bandwidth
range (user selectable)
0.015 to 10 MHz
0.015 to 20 MHz
0.015 to 20 MHz
Clock recovery loop peaking range
Up to 4 settings (dependent on loop BW)
Loop bandwidth accuracy
± 30%
Tracking range (includes spread spectrum
tracking)
± 2500 ppm ± 0.25%
Aquisition range
± 5000 ppm
Maximum consecutive identical digits to lock
150
Auto relocking
If signal lock is lost, system can automatically attempt to regain phase-lock.
User selectable to enable/disable
Residual spread spectrum
–72 ± 3 dB at 33 kHz
–84 ± 3 dB at 33 kHz
–84 ± 3 dB at 33 kHz
Front panel recovered clock amplitude
0.15 to 1.0 Vpp (0.3 to 1.0 Vpp)
Front panel recovered clock divide ratio
(user selectable)
1, 2, 4, 8, 16
1, 2, 4, 8, 16
1, 2, 4, 8, 16
2, 4, 8, 16
2, 4, 8, 16
2, 4, 8, 16
Recovered clock front panel connector type
SMA
Internal frequency counter accuracy
± 10 ppm
1. These values indicate performance with the internal precision timebase disabled. With precision timebase enabled, system jitter performance is
dramatically decreased. See page 9.
Phase trimmers
86108B-PT3 (= qty 2 N1027A-PT3)
86108B-PT2 (= qty 2 N1027A-PT2)
Nominal impedance
50 Ω
50 Ω
Frequency range
DC to 26 GHz
DC to 50 GHz
Insertion loss (at f max)
0.8 dB
0.8 dB
Time delay
238 to 293 ps
172 to 195 ps
Connectors
SMA (m-f)
2.4 mm (m-f)
Modules Specifications (Continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com