| Electronic Components Datasheet Search |
|
1417903 Datasheet(PDF) 1 Page - PHOENIX CONTACT |
|
|
|||||||||||||||||||||||||||||
1417903 Datasheet(HTML) 1 Page - PHOENIX CONTACT |
|
1 / 5 page ![]() https://www.phoenixcontact.com/us/products/1417903 08/15/2016 Page 1 / 5 Sensor/Actuator cable - SAC-5P-MS/10,0-542/ FS SCO BK - 1417903 Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's documentation. Our General Terms of Use for Downloads are valid (http://phoenixcontact.com/download) Sensor/Actuator cable, 5-position, PVC, yellow RAL 1021, Plug straight M12 SPEEDCON, A-coded, on Socket straight M12 SPEEDCON, A-coded, Cable length: 10 m Key Commercial Data Packing unit 1 STK Weight per Piece (excluding packing) 50.0 g Custom tariff number 85444290 Country of origin United States Technical data Dimensions Length of cable 10 m Ambient conditions Ambient temperature (operation) -25 °C ... 90 °C (Plug / socket) Degree of protection IP65 General Rated current at 40°C 4 A Rated voltage 60 V Number of positions 5 Insulation resistance ≥ 100 MΩ Coding A - standard Standards/regulations M12 connector IEC 61076-2-101 Status display No Protective circuit/component Unwired |
Similar Part No. - 1417903 |
|
Similar Description - 1417903 |
|
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |