Electronic Components Datasheet Search
  English  ▼

X  

SN74LVC1G07DBVR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVC1G07DBVR
Description  SINGLE BUFFER/DRIVER WITH OPEN-DRAIN OUTPUT
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LVC1G07DBVR Datasheet(HTML) 1 Page - Texas Instruments

  SN74LVC1G07DBVR Datasheet HTML 1Page - Texas Instruments SN74LVC1G07DBVR Datasheet HTML 2Page - Texas Instruments SN74LVC1G07DBVR Datasheet HTML 3Page - Texas Instruments SN74LVC1G07DBVR Datasheet HTML 4Page - Texas Instruments SN74LVC1G07DBVR Datasheet HTML 5Page - Texas Instruments SN74LVC1G07DBVR Datasheet HTML 6Page - Texas Instruments SN74LVC1G07DBVR Datasheet HTML 7Page - Texas Instruments SN74LVC1G07DBVR Datasheet HTML 8Page - Texas Instruments SN74LVC1G07DBVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
www.ti.com
FEATURES
3
2
4
5
1
NC
VCC
Y
A
GND
DBV PACKAGE
(TOP VIEW)
YEA, YEP, YZA, OR YZP PACKAGE
(BOTTOM VIEW)
DCK PACKAGE
(TOP VIEW)
3
2
4
5
1
NC
VCC
Y
A
GND
3
2
4
5
1
NC
Y
A
GND
DNU
GND
VCC
Y
A
DRL PACKAGE
(TOP VIEW)
See mechanical drawings for dimensions.
1
4
2
3
5
VCC
DNU − Do not use
YZV PACKAGE
(BOTTOM VIEW)
GND
VCC
Y
A
3
1
2
4
DESCRIPTION/ORDERING INFORMATION
SN74LVC1G07
SINGLE BUFFER/DRIVER
WITH OPEN-DRAIN OUTPUT
SCES296T – FEBRUARY 2000 – REVISED OCTOBER 2005
•
Available in the Texas Instruments
•
Ioff Supports Partial-Power-Down Mode
NanoStar™ and NanoFree™ Packages
Operation
•
Supports 5-V V
CC Operation
•
Latch-Up Performance Exceeds 100 mA Per
JESD 78, Class II
•
Input and Open-Drain Output Accept
Voltages up to 5.5 V
•
ESD Protection Exceeds JESD 22
•
Max t
pd of 4.2 ns at 3.3 V
– 2000-V Human-Body Model (A114-A)
•
Low Power Consumption, 10-
µA Max I
CC
– 200-V Machine Model (A115-A)
•
±24-mA Output Drive at 3.3 V
– 1000-V Charged-Device Model (C101)
This single buffer/driver is designed for 1.65-V to 5.5-V VCC operation.
NanoStar™ and NanoFree™ package technology is a major breakthrough in IC packaging concepts, using the
die as the package.
The output of the SN74LVC1G07 device is open drain and can be connected to other open-drain outputs to
implement active-low wired-OR or active-high wired-AND functions. The maximum sink current is 32 mA.
This device is fully specified for partial-power-down applications using Ioff.The Ioff circuitry disables the outputs,
preventing damaging current backflow through the device when it is powered down.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
NanoStar, NanoFree are trademarks of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 2000–2005, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - SN74LVC1G07DBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC1G07DBVR TI-SN74LVC1G07DBVR Datasheet
667Kb / 17P
SINGLE BUFFER/DRIVER WITH OPEN-DRAIN OUTPUT
SN74LVC1G07DBVR TI-SN74LVC1G07DBVR Datasheet
860Kb / 18P
SINGLE BUFFER/DRIVER WITH OPEN-DRAIN OUTPUT
SN74LVC1G07DBVR TI-SN74LVC1G07DBVR Datasheet
860Kb / 18P
SINGLE BUFFER/DRIVER WITH OPEN-DRAIN OUTPUT
SN74LVC1G07DBVR TI1-SN74LVC1G07DBVR Datasheet
3Mb / 60P
TLV320AIC3104EVM and TLV320AIC3104EVM-PDK
SN74LVC1G07DBVR TI1-SN74LVC1G07DBVR Datasheet
2Mb / 35P
Multi-Cal-System Evaluation Module
More results

Similar Description - SN74LVC1G07DBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AUC1G07 TI-SN74AUC1G07 Datasheet
309Kb / 12P
SINGLE BUFFER /DRIVER WITH OPEN - DRAIN OUTPUT
SN74LVC1G07 TI-SN74LVC1G07_07 Datasheet
667Kb / 17P
SINGLE BUFFER/DRIVER WITH OPEN-DRAIN OUTPUT
SN74LVC1G07 TI-SN74LVC1G07_08 Datasheet
860Kb / 18P
SINGLE BUFFER/DRIVER WITH OPEN-DRAIN OUTPUT
SN74LVC1G07 TI-SN74LVC1G07_10 Datasheet
860Kb / 18P
SINGLE BUFFER/DRIVER WITH OPEN-DRAIN OUTPUT
logo
Diodes Incorporated
74LVCE1G07 DIODES-74LVCE1G07 Datasheet
220Kb / 10P
SINGLE BUFFER/DRIVER WITH OPEN DRAIN OUTPUT
DS32275 Rev. 1 - 2
74LVC1G07_1010 DIODES-74LVC1G07_1010 Datasheet
247Kb / 13P
SINGLE BUFFER/DRIVER WITH OPEN DRAIN OUTPUT
DS32274 Rev. 2 - 2
74LVCE1G07_1012 DIODES-74LVCE1G07_1012 Datasheet
276Kb / 13P
SINGLE BUFFER/DRIVER WITH OPEN DRAIN OUTPUT
DS32275 Rev. 2 - 2
logo
Texas Instruments
SN74LVC1G07-EP TI1-SN74LVC1G07-EP Datasheet
543Kb / 12P
SINGLE BUFFER/DRIVER WITH OPEN-DRAIN OUTPUT
SN74LVC1G07 TI1-SN74LVC1G07_18 Datasheet
2Mb / 44P
Single Buffer/Driver With Open-Drain Output
logo
Diodes Incorporated
74AHC1G07Q DIODES-74AHC1G07Q Datasheet
535Kb / 9P
SINGLE BUFFER/DRIVER WITH OPEN DRAIN OUTPUT
August 2020 Rev. 1 - 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com