Electronic Components Datasheet Search
  English  ▼

X  

AL1692 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # AL1692
Description  DIMMABLE LED CONTROLLER/DRIVERS
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AL1692 Datasheet(HTML) 3 Page - Diodes Incorporated

  AL1692 Datasheet HTML 1Page - Diodes Incorporated AL1692 Datasheet HTML 2Page - Diodes Incorporated AL1692 Datasheet HTML 3Page - Diodes Incorporated AL1692 Datasheet HTML 4Page - Diodes Incorporated AL1692 Datasheet HTML 5Page - Diodes Incorporated AL1692 Datasheet HTML 6Page - Diodes Incorporated AL1692 Datasheet HTML 7Page - Diodes Incorporated AL1692 Datasheet HTML 8Page - Diodes Incorporated AL1692 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
AL1692
Document number: DS39008 Rev. 1 - 2
3 of 15
www.diodes.com
July 2016
© Diodes Incorporated
AL1692
Pin Descriptions
Pin Number
Pin Name
Function
SO-8
SO-7
1
1
VCC
Power supply voltage
2
2
RT
Resistor set the system
’s maximum t
ON
3
3
COMP
Compensation for current control
4
4
GND
Ground
5
5
FB
Feedback for LED open protection voltage
6
6
CS
Current sensing
7
7
NC(SO-8)
No connected
D(SO-7)
Drain of the internal high voltage MOSFET
8
--
SW
Source driver of Switch
Functional Block Diagram
VCC
Management
Fault
Management
UVLO
OFF
VCC
Clamp
OTP
OVP
VDD
VREF
STOP
tON_max
R
S
Q
tONS Detection
(ZCD)
VCC
OVP
VREF_OVP
OVP
SW
VCC
CS
GND
RT
Driver Supply
Clamp
2
8
1
7
4
Set tON_max
tON_max
-
+
COMP
GM
VREF
Sample and Hold
-
+
3
5
FB
-
+
STOP
OCP
1V
NC
6
AL1692 Controller



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com