Electronic Components Datasheet Search
  English  ▼

X  

AL1791 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # AL1791
Description  Analog and PWM Dimming
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AL1791 Datasheet(HTML) 4 Page - Diodes Incorporated

  AL1791 Datasheet HTML 1Page - Diodes Incorporated AL1791 Datasheet HTML 2Page - Diodes Incorporated AL1791 Datasheet HTML 3Page - Diodes Incorporated AL1791 Datasheet HTML 4Page - Diodes Incorporated AL1791 Datasheet HTML 5Page - Diodes Incorporated AL1791 Datasheet HTML 6Page - Diodes Incorporated AL1791 Datasheet HTML 7Page - Diodes Incorporated AL1791 Datasheet HTML 8Page - Diodes Incorporated AL1791 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
AL1791/1792/1793/1794
Document number:37957 Rev. 3 - 2
4 of 18
www.diodes.com
September 2015
© Diodes Incorporated
AL1791/1792/1793/1794
Detailed Description (continued)
LED Current Setting and Current Ratio
The AL1792 and AL1793 are designed to have an equal-sized channel current ratio for all channels, while the AL1794 is equipped with ratio-
optimized current sinks. The current ratio is predetermined and facilitated for Tunable Color or Tunable White applications. The absolute current
levels can be adjusted externally with RSET resistor. The LED current is expressed as below:
For AL1791:
For AL1792:
For AL1793:
For AL1794:
For example, when an RSET of 12KΩ is used, Channel 1, 2, 3, and 4 of AL1794 provide a current of 250mA, 250mA, 187.5mA, and 62.5mA
respectively. For the same RSET setting, each channel of AL1792 and AL1793 provides same current amount of 250mA. AL1791 provides 500mA
for the same RSET setting.
The maximum LED current for Channel 1 can be adjusted up to 500mA via RSET resistor. The other channels will provide current levels with the
same predetermined ratio. Any two or more channels can be tied together to drive one LED string with aggregated current. So when current
needed for any channel is greater than the maximum value the device can provide, two or more channels or devices can be paralleled together to
provide the drive current needed.
PWM Dimming Control
When any one of the PWMx pins is connected to PWM signals with frequency ranging from 500Hz and above during startup, the device is
determined in PWM dimming mode. In this mode, a high level of PWM signal will turn on the current sink to flow through the LED and low level will
turn it off. Consequently, the LED current and LED brightness of each corresponding channel can be adjusted.
The pulse width of the PWM signa
l is recommended to be greater than 2.5μS to support down to 0.25%@1KHz deep dimming capability still with
good linearity. Further deeper dimming through higher frequency PWM signals is possible, which maintains reasonable linearity - 0.1%@1KHz,
0.4%@4KHz, or 1.0%@10KHz. PWM signals can be driven static low or high to turn off or on the corresponding channels constantly.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com