Electronic Components Datasheet Search
  English  ▼

X  

AL1793 Datasheet(PDF) 16 Page - Diodes Incorporated

Part # AL1793
Description  Analog and PWM Dimming
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AL1793 Datasheet(HTML) 16 Page - Diodes Incorporated

Back Button AL1793 Datasheet HTML 10Page - Diodes Incorporated AL1793 Datasheet HTML 11Page - Diodes Incorporated AL1793 Datasheet HTML 12Page - Diodes Incorporated AL1793 Datasheet HTML 13Page - Diodes Incorporated AL1793 Datasheet HTML 14Page - Diodes Incorporated AL1793 Datasheet HTML 15Page - Diodes Incorporated AL1793 Datasheet HTML 16Page - Diodes Incorporated AL1793 Datasheet HTML 17Page - Diodes Incorporated AL1793 Datasheet HTML 18Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 16 / 18 page
background image
AL1791/1792/1793/1794
Document number:37957 Rev. 3 - 2
16 of 18
www.diodes.com
September 2015
© Diodes Incorporated
AL1791/1792/1793/1794
Package Outline Dimensions (All dimensions in mm.)
Please see AP02002 at http://www.diodes.com/datasheets/ap02002.pdf for the latest version.
(1) Package type: U-DFN4030-14
Suggested Pad Layout
Please see AP02001 at http://www.diodes.com/datasheets/ap02001.pdf for the latest version.
(1) Package type: U-DFN4030-14
A
A3
Seating Plane
D
E
b
E2
(Pin #1 ID)
L
D2
e
z
A1
C'0.30*45°
X1
X2
Y2
Y1
X
Y
C
G
U-DFN4030-14
Dim
Min
Max
Typ
A
0.55
0.65
0.60
A1
0.00
0.05
0.02
A3
-
-
0.15
b
0.20
0.30
0.25
D
3.95
4.05
4.00
D2
3.20
3.40
3.30
E
2.95
3.05
3.00
E2
1.60
1.80
1.70
e
-
-
0.50
L
0.35
0.45
0.40
z
-
-
0.375
All Dimensions in mm
Dimensions
Value
(in mm)
C
0.500
G
0.150
X
0.350
X1
3.350
X2
3.400
Y
0.600
Y1
1.800
Y2
3.300



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com