Electronic Components Datasheet Search
  English  ▼

X  

SN761677 Datasheet(PDF) 13 Page - Texas Instruments

Part # SN761677
Description  TV/VCR TUNER IC WITH DC/DC CONVERTER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN761677 Datasheet(HTML) 13 Page - Texas Instruments

Back Button SN761677 Datasheet HTML 9Page - Texas Instruments SN761677 Datasheet HTML 10Page - Texas Instruments SN761677 Datasheet HTML 11Page - Texas Instruments SN761677 Datasheet HTML 12Page - Texas Instruments SN761677 Datasheet HTML 13Page - Texas Instruments SN761677 Datasheet HTML 14Page - Texas Instruments SN761677 Datasheet HTML 15Page - Texas Instruments SN761677 Datasheet HTML 16Page - Texas Instruments SN761677 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
SN761677
SLES066A – DECEMBER 2002
www.ti.com
13
APPLICATION INFORMATION
VLOOSCC
OSCGND
VHIOSCB
R2
C6
L1
L3
L4
L2
VC3
VC2
R30
C4
C12
C11
C10
C9
C8
C7
C38
C37
C36
C5
R1
C3
VC1
C50
C1
C2
VHIOSCC
UHFOSCB1
UHFOSCC1
UHFOSCC2
IFOUT2
IFOUT1
IFGND
UHFOSCB2
VCC
CP
VTU
XTAL
BS1
UHFRFIN2
UHFRFIN1
VHFRFIN2
VHFRFIN1
RFGND
MIXOUT2
MIXOUT1
BS2
BS3
BS4
P5
AS
AS
ADC
P6
SDA
SDA
SCL
SCL
VLOOSCB
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
19
38
37
36
35
34
33
32
31
30
29
28
27
25
24
23
22
C13
C24
C17
URF1
URF2
VRF1
LB
Vcc:5V
IF OUT1
VRF2
C65
C20
C18
C64
C21
C16
C14
R8
R21
C39
R10
R4
R5
X1
R7
L9
L10
R16
R17
C33
C34
ADC/TEST 26
P7
P8
21
20
TUVCC
TUGND
VDC
16
17
18
C101
R101
TUVcc:5V
C19
C23
C35
TUGND
C201
R201
VDC
UB
HB
R19
R18
R31
(1) It is recommended that designers be careful with the PCB layout and coupling to minimize the effects of the higher harmonics of Xtal oscillation
from the dc/dc converter section (pin 16–20) to mixer and oscillator section.
Figure 2. Reference Measurement Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com