Electronic Components Datasheet Search
  English  ▼

X  

SPT9687 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # SPT9687
Description  DUAL ULTRAFAST VOLTAGE COMPARATOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SPT9687 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  SPT9687 Datasheet HTML 1Page - List of Unclassifed Manufacturers SPT9687 Datasheet HTML 2Page - List of Unclassifed Manufacturers SPT9687 Datasheet HTML 3Page - List of Unclassifed Manufacturers SPT9687 Datasheet HTML 4Page - List of Unclassifed Manufacturers SPT9687 Datasheet HTML 5Page - List of Unclassifed Manufacturers SPT9687 Datasheet HTML 6Page - List of Unclassifed Manufacturers SPT9687 Datasheet HTML 7Page - List of Unclassifed Manufacturers SPT9687 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
SPT
3
3/21/97
SPT9687
ELECTRICAL SPECIFICATIONS
T A = +25 °C, VCC = +5.0 V, VEE = -5.20 V, RL = 50 Ohm, unless otherwise specified.
TEST
TEST
SPT9687
PARAMETERS
CONDITIONS
LEVEL
MIN
TYP
MAX
UNITS
AC ELECTRICAL CHARACTERISTICS2
Latch to Output Delay
50 mV OD
IV
3
ns
Latch Pulse Width
V
2
ns
Latch Hold Time
IV
0.5
ns
Rise Time
20% to 80%
V
1.2
ns
Fall Time
20% to 80%
V
1.2
ns
1RS = Source impedance.
2100 mV input step.
Figure 1 - Timing Diagram
50%
VREF ± VOS
50%
50%
t
t
tpL
tS
tH
tpdL
tpdH
pLOL
pLOH
DIFFERENTIAL
INPUT VOLTAGE
OUTPUT Q
OUTPUT Q
LATCH ENABLE
LATCH ENABLE
V
OD
VIN+ = 100 mV (p-p), VOD = 50 mV
The set-up and hold times are a measure of the time required for an input signal to propagate through the
first stage of the comparator to reach the latching circuitry. Input signals occurring before ts will be detected
and held; those occurring after tH will not be detected. Changes between ts and tH may not be detected.
TEST LEVEL CODES
All electrical characteristics are subject to the
following conditions:
All parameters having min/max specifications
are guaranteed. The Test Level column indi-
cates the specific device testing actually per-
formed during production and Quality Assur-
ance inspection. Any blank section in the data
column indicates that the specification is not
tested at the specified condition.
Unless otherwise noted, all tests are pulsed
tests; therefore, TJ = TC = TA.
TEST PROCEDURE
100% production tested at the specified temperature.
100% production tested at TA=25 °C, and sample
tested at the specified temperatures.
QA sample tested only at the specified temperatures.
Parameter is guaranteed (but not tested) by design
and characterization data.
Parameter is a typical value for information purposes
only.
100% production tested at TA = 25 °C. Parameter is
guaranteed over specified temperature range.
TEST LEVEL
I
II
III
IV
V
VI



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com