Electronic Components Datasheet Search
  English  ▼

X  

SPT9687SIS Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # SPT9687SIS
Description  DUAL ULTRAFAST VOLTAGE COMPARATOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SPT9687SIS Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  SPT9687SIS Datasheet HTML 1Page - List of Unclassifed Manufacturers SPT9687SIS Datasheet HTML 2Page - List of Unclassifed Manufacturers SPT9687SIS Datasheet HTML 3Page - List of Unclassifed Manufacturers SPT9687SIS Datasheet HTML 4Page - List of Unclassifed Manufacturers SPT9687SIS Datasheet HTML 5Page - List of Unclassifed Manufacturers SPT9687SIS Datasheet HTML 6Page - List of Unclassifed Manufacturers SPT9687SIS Datasheet HTML 7Page - List of Unclassifed Manufacturers SPT9687SIS Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
FEATURES
•
Propagation Delay <2.3 ns
•
Propagation Delay Skew <300 ps
•
Low Power: 185 mW
•
Low Offset
±3 mV
•
Low Feedthrough and Crosstalk
•
Differential Latch Control
APPLICATIONS
•
High-Speed Instrumentation, ATE
•
High-Speed Timing
•
Window Comparators
•
Line Receivers
•
A/D Conversion
•
Threshold Detection
SPT9687
DUAL ULTRAFAST VOLTAGE COMPARATOR
GENERAL DESCRIPTION
The SPT9687 is a dual, very high-speed monolithic com-
parator. It is pin compatible with, and has improved perfor-
mance over Analog Device's AD9687. The SPT9687 is
designed for use in Automatic Test Equipment (ATE), high-
speed instrumentation, and other high-speed comparator
applications.
Improvements over other sources include reduced power
consumption, reduced propagation delays, and higher input
impedance.
The SPT9687 is available in 16-lead SOIC, 16-lead plastic
DIP, 20-lead PLCC and 20-contact LCC packages over the
industrial temperature range. It is also available in die form.
BLOCK DIAGRAM
A
-
+
B
Q Output
Inverting Input
GNDA
Latch Enable
Q Output
VCC
VEE
Inverting Input
Latch Enable
Noninverting Input
Latch Enable
Latch Enable
Noninverting Input
Q Output
GNDB
Q Output
B
Signal Processing Technologies, Inc.
4755 Forge Road, Colorado Springs, Colorado 80907, USA
Phone: (719) 528-2300
FAX: (719) 528-2370
Website: http://www.spt.com
E-Mail: sales@spt.com


Similar Part No. - SPT9687SIS

ManufacturerPart #DatasheetDescription
logo
Cadeka Microcircuits LL...
SPT9687SIS CADEKA-SPT9687SIS Datasheet
196Kb / 8P
DUAL ULTRAFAST VOLTAGE COMPARATOR
More results

Similar Description - SPT9687SIS

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SPT9689 FAIRCHILD-SPT9689 Datasheet
75Kb / 8P
DUAL ULTRAFAST VOLTAGE COMPARATOR
logo
Analog Devices
ADCMP567 AD-ADCMP567 Datasheet
362Kb / 17P
Dual Ultrafast Voltage Comparator
ADCMP566 AD-ADCMP566 Datasheet
207Kb / 16P
Dual Ultrafast Voltage Comparator
10/03-Revision 0
ADCMP565 AD-ADCMP565 Datasheet
202Kb / 16P
Dual Ultrafast Voltage Comparator
logo
Cadeka Microcircuits LL...
SPT9687 CADEKA-SPT9687 Datasheet
196Kb / 8P
DUAL ULTRAFAST VOLTAGE COMPARATOR
SPT9689 CADEKA-SPT9689 Datasheet
164Kb / 8P
DUAL ULTRAFAST VOLTAGE COMPARATOR
logo
Analog Devices
ADCMP565BPZ AD-ADCMP565BPZ Datasheet
219Kb / 16P
Dual Ultrafast Voltage Comparator
REV. 0
ADCMP565 AD-ADCMP565_15 Datasheet
208Kb / 16P
Dual Ultrafast Voltage Comparator
REV. 0
ADCMP566 AD-ADCMP566_15 Datasheet
213Kb / 16P
Dual Ultrafast Voltage Comparator
REV. 0
ADCMP567 AD-ADCMP567_15 Datasheet
369Kb / 17P
Dual Ultrafast Voltage Comparator
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com