Electronic Components Datasheet Search
  English  ▼

X  

DGD1504 Datasheet(PDF) 10 Page - Diodes Incorporated

Part # DGD1504
Description  HALF-BRIDGE GATE DRIVER IN SO-8
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DGD1504 Datasheet(HTML) 10 Page - Diodes Incorporated

Back Button DGD1504 Datasheet HTML 3Page - Diodes Incorporated DGD1504 Datasheet HTML 4Page - Diodes Incorporated DGD1504 Datasheet HTML 5Page - Diodes Incorporated DGD1504 Datasheet HTML 6Page - Diodes Incorporated DGD1504 Datasheet HTML 7Page - Diodes Incorporated DGD1504 Datasheet HTML 8Page - Diodes Incorporated DGD1504 Datasheet HTML 9Page - Diodes Incorporated DGD1504 Datasheet HTML 10Page - Diodes Incorporated DGD1504 Datasheet HTML 11Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
DGD1504
Document Number DS38689 Rev. 1 - 2
10 of 11
www.diodes.com
September 2016
© Diodes Incorporated
DGD1504
Package Outline Dimensions
Please see http://www.diodes.com/package-outlines.html for the latest version.
SO-8 (Type TH)
Suggested Pad Layout
Please see http://www.diodes.com/package-outlines.html for the latest version.
SO-8 (Type TH)
Note : For high voltage applications, the appropriate industry sector guidelines should be considered with regards to creepage and clearance
distances between device Terminals and PCB tracking.
b
e
E1
A2
A1
Ø
h
R 0.16+/-0.02
L
Seating Plane
Gauge Plane
D
E
A
R 0.23+/-0.02
L1
0.25
c
SO-8 (Type TH)
Dim
Min
Max
Typ
A
1.35
1.75
--
A1
0.10
0.25
--
A2
--
--
1.45
b
0.35
0.51
--
c
0.190
0.248
--
D
4.80
5.00
4.90
E
5.80
6.20
6.00
E1
3.80
4.00
3.90
e
--
--
1.27
h
0.25
0.50
--
L
0.41
1.27
--
L1
--
--
1.04
Ø
0
8
--
All Dimensions in mm
Dimensions Value (in mm)
C
1.27
C1
5.20
X
0.60
Y
2.20
C
C1
X
Y



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com