Electronic Components Datasheet Search
  English  ▼

X  

2SA1664 Datasheet(PDF) 1 Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.

Part # 2SA1664
Description  Plastic-Encapsulate Transistors
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOTTECH [GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.]
Direct Link  http://www.hottech.net.cn/
Logo HOTTECH - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.

2SA1664 Datasheet(HTML) 1 Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.

  2SA1664 Datasheet HTML 1Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Page:P1- P1
Plastic-Encapsulate Transistors
GUANGDONG
HOTTECH
INDUSTRIAL
CO,. LTD.
FEATURES
•
Complementary to 2SC2884
Maximum Ratings (Ta=25
unless otherwise noted)
Parameter
Symbol
Value
Unit
Collector-Base Voltage
VCBO
-35
V
Collector-Emitter Voltage
VCEO
-30
V
Emitter-Base Voltage
VEBO
-5
V
Collector Current -Continuous
IC
-800
mA
Collector Power dissipation
PC
500
mW
Junction Temperature
TJ
150
Storage Temperature
Tstg
-55to +150
ELECTRICAL CHARACTERISTICS ( @ Ta=25
unless otherwise specified)
Parameter
Symbol
Test conditions
Min
Typ
Max
Unit
Collector-base breakdown voltage
VCBO
IC=-1mA,IE=0
-35
V
Collector- emitter breakdown voltage
VCEO
IC=-10mA,IB=0
-30
V
Emitter- base breakdown voltage
VEBO
IE=-1mA, IC=0
-5
V
Collector cut-off current
ICBO
VCB=-35V,IE=0
-0.1
μA
Emitter cut-off current
IEBO
VEB=-5V,IC=0
-0.1
μA
DC current gain
hFE
VCE=-1V,IC=-100mA
100
320
VCE=-1V,IC=-700mA
35
Collector-emitter saturation voltage
VCE(sat)
IC=-500mA,IB=-20mA
-0.7
V
Base-emitter
VBE
VCE=-1V,IC=-10mA
-0.5
-0.8
V
Transition frequency
fT
VCE=-5V, IC=-10mA
120
MHz
Collector output capacitance
Cob
VCB=-10V,IE=0,f=1MHz
19
pF
CLASSIFICATION OF hFE
Rank
O
Y
Range
100-200
160-320
Marking
RO
RY
2SA1664 (PNP)
1. BASE
2. COLLECTO
SOT-89
3. EMITTER


Similar Part No. - 2SA1664

ManufacturerPart #DatasheetDescription
logo
TRANSYS Electronics Lim...
2SA1664 TEL-2SA1664 Datasheet
63Kb / 1P
SOT-89 Plastic-Encapsulated Transistors
logo
Guangdong Kexin Industr...
2SA1664 KEXIN-2SA1664 Datasheet
50Kb / 1P
PNP Transistor
logo
Shenzhen Jin Yu Semicon...
2SA1664 HTSEMI-2SA1664 Datasheet
189Kb / 1P
TRANSISTOR(PNP)
logo
SHENZHEN YONGERJIA INDU...
2SA1664 WINNERJOIN-2SA1664 Datasheet
134Kb / 1P
TRANSISTOR (PNP)
logo
Galaxy Semi-Conductor H...
2SA1664 BILIN-2SA1664 Datasheet
135Kb / 3P
Plastic-Encapsulated Transistor
Rev.A
More results

Similar Description - 2SA1664

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
S9013 ETC-S9013 Datasheet
963Kb / 2P
PLASTIC ENCAPSULATE TRANSISTORS
logo
Micro Commercial Compon...
MMDT5401 MCC-MMDT5401 Datasheet
116Kb / 3P
Plastic-Encapsulate Transistors
logo
SeCoS Halbleitertechnol...
BCX51 SECOS-BCX51 Datasheet
1Mb / 1P
Plastic-Encapsulate Transistors
D882 SECOS-D882 Datasheet
277Kb / 2P
Plastic Encapsulate Transistors
logo
Micro Commercial Compon...
MMDT5401 MCC-MMDT5401_11 Datasheet
231Kb / 3P
Plastic-Encapsulate Transistors
logo
MAKO SEMICONDUCTOR CO.,...
2SC945 MAKOSEMI-2SC945 Datasheet
99Kb / 2P
Plastic-Encapsulate Transistors
KTC3875 MAKOSEMI-KTC3875 Datasheet
88Kb / 2P
Plastic-Encapsulate Transistors
logo
Nanjing International G...
KTA1275 DGNJDZ-KTA1275 Datasheet
149Kb / 1P
Plastic-Encapsulate Transistors
logo
Jiangsu Changjiang Elec...
2SD2142 JIANGSU-2SD2142 Datasheet
271Kb / 1P
Plastic-Encapsulate Transistors
BC516 JIANGSU-BC516 Datasheet
401Kb / 3P
Plastic-Encapsulate Transistors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com