Electronic Components Datasheet Search
  English  ▼

X  

PTH05050 Datasheet(PDF) 3 Page - Artesyn Technologies

Part # PTH05050
Description  Embedded Power for Business-Critical Continuity
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

PTH05050 Datasheet(HTML) 3 Page - Artesyn Technologies

  PTH05050_08 Datasheet HTML 1Page - Artesyn Technologies PTH05050_08 Datasheet HTML 2Page - Artesyn Technologies PTH05050_08 Datasheet HTML 3Page - Artesyn Technologies PTH05050_08 Datasheet HTML 4Page - Artesyn Technologies PTH05050_08 Datasheet HTML 5Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
PTH
05
05
0
W
A
S
T
Rev.07.30.08
PTH05050
3 of 5
Embedded Power for
Business-Critical Continuity
Notes
1
Remote ON/OFF. Positive Logic
ON:
Pin 3 open; or V > Vin - 0.5 V
OFF:
Pin 3 GND; or V < 0.8 V (min - 0.2 V).
2
See Figure 1 for safe operating curve.
3
A 100 μF electrolytic input capacitor is required for proper operation.
The capacitor must be rated for a minimum of 300 mA rms of ripple current.
4
An external output capacitor is not required for basic operation. Adding 100
μF of distributed capacitance at the load will improve the transient response.
5
1 A/μs load step, 50 to 100% Iomax, Cout = 100 μF.
6
If utilized Vout will track applied voltage by ±0.3 V (up to Vo set point).
7
The pre-bias start-up feature is not compatible with Auto-Track™. This is
because when the module is under Auto-Track™ control, it is fully active and
will sink current if the output voltage is below that of a back-feeding source.
Therefore to ensure a pre-bias hold-off, one of the following two techniques
must be followed when input power is first applied to the module. The Auto-
Track™ function must either be disabled, or the module’s output held off using
the Inhibit pin. Refer to Application Note 158 for more details
.
8
Tape and reel packaging only available on the surface-mount versions.
9
To order Pb-free (RoHS compatible) surface-mount parts replace the mounting
option ‘S’ with ‘Z’, e.g. PTH05050WAZ. To order Pb-free (RoHS compatible)
through-hole parts replace the mounting option ‘H’ with ‘D’, e.g.
PTH05050WAD.
10 NOTICE: Some models do not support all options. Please contact your local sales
representative or use the on-line model number search tool at
http://www.powerconversions.com to find a suitable alternative.
The ultra-wide output voltage trim range offers major advantages to users who
select the PTH05050. It is no longer necessary to purchase a variety of modules in
order to cover different output voltages. The output voltage can be trimmed in a
range of 0.8 Vdc to 3.6 Vdc. When the PTH05050 converter leaves the factory the
output has been adjusted to the default voltage of 0.8 V.
Output Voltage Adjustment of the PTH05050 Series
Product Family
POLA
compatible
Input Voltage
05 = 5 V
Mounting Option (9)
D = Horizontal Through-hole
(RoHS 6/6)
H = Horizontal Through-hole
(roHS 5/6)
S = Surface-mount
(RoHS 5/6)
Z = Surface-mount
(RoHS 6/6)
Mechanical
Package
Always 0
Packaging Options
No suffix = Trays
T = Tape and Reel
Pin Option (8)
A = Through-Hole Std.
Pin Length (0.140")
A = Surface-mount
Tin/Lead Solder Ball
Output Voltage
Code
W = Wide
Output
Current
05 = 6 A
Part Number System with Options
Efficiency Table (Io = 4 A)
Output Voltage
Efficiency
Vo = 1.0 V
85%
Vo = 1.2 V
87%
Vo = 1.5 V
89%
Vo = 1.8 V
90%
Vo = 2.0 V
91%
Vo = 2.5 V
93%
Vo = 3.3 V
95%
OUTPUT CURRENT (A)
100LFM
Nat conv
01
2
3
4
5
6
20
30
40
50
60
80
90
70
Figure 1 - Safe Operating Area
Vin = 5 V, Output Voltage = 3.3 V (See Note A)
OUTPUT CURRENT (A)
40
50
60
70
80
90
100
0
123
4
5
6
3.3V
2.5V
1.8V
1.2V
0.8V
Vout
Figure 2 - Efficiency vs Load Current
Vin = 5 V (See Note B)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com