Electronic Components Datasheet Search
  English  ▼

X  

1F10F Datasheet(PDF) 2 Page - Summit Microelectronics, Inc.

Part # 1F10F
Description  FAST RECOVER Y RECTIFIER DIODES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

1F10F Datasheet(HTML) 2 Page - Summit Microelectronics, Inc.

  1F10F Datasheet HTML 1Page - Summit Microelectronics, Inc. 1F10F Datasheet HTML 2Page - Summit Microelectronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
AMBIENT TEMPERATURE,
NUMBER OF CYCLES AT 60Hz
NOTES:1.RISETIME= 7ns MAX.INPUTIMPEDANCE=1M . 22pF.
Ggggggggg 2.RISETIME=10ns MAX.SOURCEIMPEDANCE=50 .
FIG.1 -- FORWARD DERATING CURVE
FIG.2 -- PEAK FORWARD SURGE CURRENT
FIG.3 -- TEST CIRCUIT DIAGRAM AND REVERSE RECOVERY TIME CHARACTERISTIC
SETTIMEBASEFOR50/100 ns/cm
PULSE
GENERATOR
(NOTE2)
D.U.T.
1
NONIN-
DUCTIVE
50
N 1.
10
N1.
OSCILLOSCOPE
(NOTE 1)
(+)
25VDC
(approx)
(-)
trr
1cm
+0 .5 A
0
-0 .25A
-1 .0 A
0
.2
.4
.6
.8
0
25
50
75
100
125
150
Single Phase
Half Wave 60HZ
Resistive or
Inductive Load
0.375"(9.5mm) Lead Length
1.0
200
175
0
1
10
100
     TJ=125
8.3ms Single Half
Sine-Wave
10
20
30
2 of 2
www.sunmate.tw



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com