Electronic Components Datasheet Search
  English  ▼

X  

AXA04F36-L Datasheet(PDF) 2 Page - Artesyn Technologies

Part # AXA04F36-L
Description  POWER 20 Watts
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

AXA04F36-L Datasheet(HTML) 2 Page - Artesyn Technologies

  AXA04F36-L Datasheet HTML 1Page - Artesyn Technologies AXA04F36-L Datasheet HTML 2Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
AXA Series Data Sheet
For more information: www.artesyn.com/power
For support: productsupport.ep@artesyn.com
www.artesyn.com
WORLDWIDE OFFICES
Americas
2900 S.Diablo Way
Tempe, AZ 85282
USA
+1 888 412 7832
Europe (UK)
Waterfront Business Park
Merry Hill, Dudley
West Midlands, DY5 1LX
United Kingdom
+44 (0) 1384 842 211
Asia (HK)
14/F, Lu Plaza
2 Wing Yip Street
Kwun Tong, Kowloon
Hong Kong
+852 2176 3333
While every precaution has been taken to ensure accuracy and completeness in this literature, Artesyn
Embedded Technologies assumes no responsibility, and disclaims all liability for damages resulting from use
of this information or for any errors or omissions. Artesyn Embedded Technologies, Artesyn and the Artesyn
Embedded Technologies logo are trademarks and service marks of Artesyn Embedded Technologies, Inc.
All other names and logos referred to are trade names, trademarks, or registered trademarks of their respective
owners. © 2014 Artesyn Embedded Technologies, Inc.
AXA20W 02Jul2015
Mechanical Dimensions
Ordering Information
Part Number
Input Voltage
Output Voltage
Output Current
Efficiency
Power
AXA04F18-L
9 - 36 Vdc
3 V3
4.5 A
87%
15 W
AXA04A18-L
9 - 36 Vdc
5 V
4 A
89%
20 W
AXA01B18-L
9 - 36 Vdc
12 V
1.67 A
89%
20 W
AXA01C18-L
9 - 36 Vdc
15 V
1.33 A
89%
20 W
AXA00H18-L
9 - 36 Vdc
24 V
0.835 A
88%
20 W
AXA00BB18-L
9 - 36 Vdc
±12 V
±0.835 A
89%
20 W
AXA00CC18-L
9 - 36 Vdc
±15 V
±0.67 A
89%
20 W
AXA04F36-L
18 - 75 Vdc
3 V3
4.5 A
88%
15 W
AXA04A36-L
18 - 75 Vdc
5 V
4 A
89%
20 W
AXA01B36-L
18 - 75 Vdc
12 V
1.67 A
89%
20 W
AXA01C36-L
18 - 75 Vdc
15 V
1.33 A
89%
20 W
AXA00H36-L
18 - 75 Vdc
24 V
0.835 A
88%
20 W
AXA00BB36-L
18 - 75 Vdc
±12 V
±0.835 A
89%
20 W
AXA00CC36-L
18 - 75 Vdc
±15 V
±0.67 A
89%
20 W
Heatsink (Option –HS)
• All dimensions in mm (inches)
• Tolerance: X.X±0.25 (X.XX±0.01)
X.XX±0.13 ( X.XXX±0.005)
• Pin diameter Ø 1.0 ±0.05 (0.04±0.002)
Pin Connections
Pin
Single Output
Dual Output
1
+Vin
+Vin
2
-Vin
-Vin
3
+Vout
+Vout
4
Trim
Common
5
-Vout
-Vout
6
Remote On/Off
Remote On/Off



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com