Electronic Components Datasheet Search
  English  ▼

X  

1SS110 Datasheet(PDF) 1 Page - SUNMATE electronic Co., LTD

Part # 1SS110
Description  SILICON EPITAXIAL PLANAR DIODES
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

1SS110 Datasheet(HTML) 1 Page - SUNMATE electronic Co., LTD

  1SS110 Datasheet HTML 1Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Low forward resistance. (r
SILICON EPITAXIAL PLANAR DIODES
1SS110
f = 0.9 Ωmax)
Features
Reverse voltage
V
R
Forward current
I
F
Junction temperature
Tj
175
°C
Storage temperature
Tstg
–65 to +175
°C
Item
Symbol
Min
Typ
Max
Unit
Test Condition
Forward voltage
V
F
—
—
1.0
V
I
F = 10mA
Reverse voltage
V
R
35
—
—
V
I
R = 10µA
Reverse current
I
R
—
—
0.1
µAV
R = 25V
Capacitance
C
—
—
1.2
pF
V
R = 6V, f = 1MHz
Forward resistance
r
f
—
—
0.9
Ω
I
F = 2mA, f = 100MHz
Small glass package (MHD) enables easy
mounting and high reliability.
speed automatical insertion.
Suitable for 5mm pitch high
!
!
!
0.079(2.0)
MAX
0.020(0.52)
TYP
0.165 (4.2)
MAX
1.0 2(26.0)
MIN.
1.0 2(26.0)
MIN.
DO-35(GLASS)
Dimensions in millimeters
Item
Symbol
Value
Unit
35
V
100
mA
Electrical Characteristics @ TA = 25°C unless otherwise specified
Mechanical Data
Case: DO-35, glass case
Polarity: Color band denotes cathode
Weight: 0.004 ounces, 0.13 grams
!
!
!
Maximum Ratings TA = 25°C unless otherwise specified


Similar Part No. - 1SS110

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
1SS110 HITACHI-1SS110 Datasheet
16Kb / 5P
Silicon Epitaxial Planar Diode for Tuner Band Switch
logo
Leshan Radio Company
1SS110 LRC-1SS110 Datasheet
118Kb / 3P
Switching Diode
More results

Similar Description - 1SS110

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
1N4148 VISHAY-1N4148 Datasheet
44Kb / 4P
Silicon Epitaxial Planar Diodes
01-Apr-99
BAV100 VISHAY-BAV100 Datasheet
54Kb / 4P
Silicon Epitaxial Planar Diodes
01-Apr-99
LL4154 VISHAY-LL4154 Datasheet
51Kb / 4P
Silicon Epitaxial Planar Diodes
01-Apr-99
logo
Zowie Technology Corpor...
LL4148 ZOWIE-LL4148 Datasheet
43Kb / 2P
SILICON EPITAXIAL PLANAR DIODES
logo
SEMTECH ELECTRONICS LTD...
MCL914 SEMTECH_ELEC-MCL914 Datasheet
286Kb / 4P
SILICON EPITAXIAL PLANAR DIODES
BAV200 SEMTECH_ELEC-BAV200 Datasheet
166Kb / 2P
SILICON EPITAXIAL PLANAR DIODES
logo
Shenzhen Luguang Electr...
BAS316 LUGUANG-BAS316 Datasheet
401Kb / 3P
Silicon Epitaxial Planar Diodes
logo
SUNMATE electronic Co.,...
LL914 SUNMATE-LL914 Datasheet
290Kb / 1P
SILICON EPITAXIAL PLANAR DIODES
logo
Zibo Seno Electronic En...
BAV19W ZSELEC-BAV19W Datasheet
91Kb / 3P
Silicon Epitaxial Planar Diodes
logo
SEMTECH ELECTRONICS LTD...
BAS19 SEMTECH_ELEC-BAS19_15 Datasheet
160Kb / 2P
Silicon Epitaxial Planar Diodes
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com