Electronic Components Datasheet Search
  English  ▼

X  

10KP110A Datasheet(PDF) 2 Page - SUNMATE electronic Co., LTD

Part # 10KP110A
Description  AXIAL LEADED TRANSIENT VOLTAGE SUPPRESSORS DIODES
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

10KP110A Datasheet(HTML) 2 Page - SUNMATE electronic Co., LTD

  10KP110A Datasheet HTML 1Page - SUNMATE electronic Co., LTD 10KP110A Datasheet HTML 2Page - SUNMATE electronic Co., LTD 10KP110A Datasheet HTML 3Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
17
18.99
20.79
50
515.4
5000
29.3
18
20.11
22.01
50
488.7
5000
30.9
20
22.34
24.46
20
440.2
1500
34.3
22
24.57
26.91
10
407.0
500
37.1
24
26.81
29.35
5
371.0
150
40.7
26
29.04
31.80
5
343.2
50
44.0
28
31.28
34.24
5
317.9
25
47.5
30
33.51
36.69
5
297.8
15
50.7
33
36.9
40.4
5
276.1
2
54.7
36
40.2
44.0
5
252.5
2
59.8
40
44.7
48.9
5
229.5
2
65.8
43
48.0
52.6
5
216.3
2
69.8
45
50.3
55.0
5
207.4
2
72.8
48
53.6
58.7
5
194.3
2
77.7
51
57.0
62.4
5
182.1
2
82.9
54
60.3
66.0
5
172.2
2
87.7
58
64.8
70.9
5
161.0
2
93.8
60
67.0
73.4
5
155.0
2
97.4
64
71.5
78.3
5
144.9
2
104.2
70
78.2
85.6
5
132.9
2
113.6
75
83.8
91.7
5
123.8
2
122.0
78
87.1
95.4
5
119.7
2
126.1
85
94.9
104.0
5
109.7
2
137.6
90
100.5
110.1
5
103.7
2
145.6
100
111.7
122.3
5
93.6
2
161.3
110
122.9
134.5
5
84.5
2
178.6
120
134.0
146.8
5
78.5
2
192.3
130
145.2
159.0
5
72.5
2
208.3
150
167.6
183.5
5
62.4
2
241.9
160
178.7
195.7
5
58.4
2
258.6
170
189.9
207.9
5
55.4
2
272.7
180
201.1
220.1
5
52.3
2
288.5
200
223.4
244.6
5
47.3
2
319.1
220
245.7
269.1
5
35.2
2
428.6
240
268.1
293.5
5
39.3
2
384.6
260
290.4
318.0
5
36.2
2
416.7
280
312.8
342.4
5
33.2
2
454.5
For bidirectional type having Vrwm of 30 volts and less, the IR limit is double. For parts with A , the V
BR is
±5%
2 of 3
RWM
RWM
Breakdown
Reverse
Stand-Off
Voltage
Voltage
Min. @IT
Breakdown
Voltage
Max. @ I
T
Test
Current
Maximum
Clamping
Voltage
@IPP
Peak
Pulse
Current
Reverse
Leakage
@V
V
(V)
VBR MIN(V)
VBR MAX(V)
IT (mA)
VC(V)
IPP(A)
IR(uA)
TYPE
(BI)
(UNI)
10KP17A
10KP18A
10KP20A
10KP22A
10KP24A
10KP26A
10KP28A
10KP30A
10KP33A
10KP36A
10KP40A
10KP43A
10KP45A
10KP48A
10KP51A
10KP54A
10KP58A
10KP60A
10KP70A
10KP64A
10KP75A
10KP78A
10KP85A
10KP90A
10KP100A
10KP110A
10KP120A
10KP130A
10KP150A
10KP160A
10KP170A
10KP180A
10KP200A
10KP220A
10KP240A
10KP260A
10KP280A
10KP17CA
10KP18CA
10KP20CA
10KP22CA
10KP24CA
10KP26CA
10KP28CA
10KP30CA
10KP33CA
10KP36CA
10KP40CA
10KP43CA
10KP45CA
10KP48CA
10KP51CA
10KP54CA
10KP58CA
10KP60CA
10KP64CA
10KP70CA
10KP75CA
10KP78CA
10KP85CA
10KP90CA
10KP100CA
10KP110CA
10KP120CA
10KP130CA
10KP150CA
10KP160CA
10KP170CA
10KP180CA
10KP200CA
10KP220CA
10KP240CA
10KP260CA
10KP280CA



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com