Electronic Components Datasheet Search
  English  ▼

X  

P4000SC Datasheet(PDF) 2 Page - SUNMATE electronic Co., LTD

Part # P4000SC
Description  THYRISTOR SURGE SUPPRESSORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

P4000SC Datasheet(HTML) 2 Page - SUNMATE electronic Co., LTD

  P4000SC Datasheet HTML 1Page - SUNMATE electronic Co., LTD P4000SC Datasheet HTML 2Page - SUNMATE electronic Co., LTD P4000SC Datasheet HTML 3Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
C
VDRM
@IDRM=5 A
VS
@100V/ S
VT
@IT=2.2A
IS
IT
IH
0
@1MHz
Part
Number
Marking
V min
V max
V max
mA max
A max
mA min
pF min
pF max
P0080SC
P008C
6
25
4
800
2.2
50
25
150
P0300SC
P03C
25
40
4
800
2.2
50
15
140
P0640SC
P06C
58
77
4
800
2.2
150
40
60
P0720SC
P07C
65
88
4
800
2.2
150
35
60
P0900SC
P09C
75
98
4
800
2.2
150
25
55
P1100SC
P11C
90
130
4
800
2.2
150
30
50
P1300SC
P13C
120
160
4
800
2.2
150
25
45
P1500SC
P15C
140
180
4
800
2.2
150
25
40
P1800SC
P18C
170
220
4
800
2.2
150
25
35
P2000SC
P20C
180
220
4
800
2.2
150
20
35
P2300SC
P23C
190
260
4
800
2.2
150
25
35
P2600SC
P26C
220
300
4
800
2.2
150
20
35
P3100SC
P31C
275
350
4
800
2.2
150
20
35
P3500SC
P35C
320
400
4
800
2.2
150
20
35
P4000SC
P40C
360
460
4
800
2.2
150
20
35
P4500SC
P45C
400
540
4
800
2.2
150
20
35
P5000SC
P50C
440
600
4
800
2.2
150
20
35
Notes:
- Absolute maximum ratings measured at TA= 25 C (unless otherwise noted).
- Devices are bi-directional.
2 of 3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com