Electronic Components Datasheet Search
  English  ▼

X  

TLP332 Datasheet(PDF) 6 Page - Toshiba Semiconductor

Part # TLP332
Description  Office Machine Household Use Equipment Programmable Controllers AC / DC-Input Module Telecommunication
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP332 Datasheet(HTML) 6 Page - Toshiba Semiconductor

  TLP332 Datasheet HTML 1Page - Toshiba Semiconductor TLP332 Datasheet HTML 2Page - Toshiba Semiconductor TLP332 Datasheet HTML 3Page - Toshiba Semiconductor TLP332 Datasheet HTML 4Page - Toshiba Semiconductor TLP332 Datasheet HTML 5Page - Toshiba Semiconductor TLP332 Datasheet HTML 6Page - Toshiba Semiconductor TLP332 Datasheet HTML 7Page - Toshiba Semiconductor TLP332 Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
TLP331,TLP332
2002-09-25
6
Forward current IF (mA)
IC/IF – IF
0.1
1000
500
300
100
50
30
10
0.3
1
3
10
5
0.5
Ta = 25°C
VCE = 5V
VCE = 1.5V
VCE = 0.5V
IC – IF
Forward current IF (mA)
0.01
50
30
10
5
3
1
0.5
0.3
0.1
0.3
3
10
0.5
1
5
0.1
0.05
0.03
Ta = 25°C
VCE = 5V
VCE = 1.5V
VCE = 0.5V
Collector-emitter voltage VCE (V)
IC – VCE
0.1
4.0
3.5
3.0
2.5
2.0
1.5
0.3
0.5
1
10
3
5
1.0
0.5
0
Ta = 25°C
0.8mA
0.6mA
0.5mA
0.4mA
0.2mA
IF=1.0mA
IC – Ta
Ambient temperature Ta (°C)
0.1
-20
30
10
5
0.05
0.03
1
0.5
0
20
40
0.3
100
VCE = 1.5V
VCE = 0.5V
3
60
80
IF=2mA
1mA
0.5mA
0.2mA



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com