Electronic Components Datasheet Search
  English  ▼

X  

TMP100NA/250 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TMP100NA/250
Description  Digital Temperature Sensor with I2C Interface
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP100NA/250 Datasheet(HTML) 3 Page - Texas Instruments

  TMP100NA/250 Datasheet HTML 1Page - Texas Instruments TMP100NA/250 Datasheet HTML 2Page - Texas Instruments TMP100NA/250 Datasheet HTML 3Page - Texas Instruments TMP100NA/250 Datasheet HTML 4Page - Texas Instruments TMP100NA/250 Datasheet HTML 5Page - Texas Instruments TMP100NA/250 Datasheet HTML 6Page - Texas Instruments TMP100NA/250 Datasheet HTML 7Page - Texas Instruments TMP100NA/250 Datasheet HTML 8Page - Texas Instruments TMP100NA/250 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
TMP100, 101
3
SBOS231C
www.ti.com
ELECTRICAL CHARACTERISTICS
At TA = –55°C to +125°C, and V+ = 2.7V to 5.5V, unless otherwise noted.
PARAMETER
CONDITION
MIN
TYP
MAX
UNITS
TEMPERATURE INPUT
Range
–55
+125
°C
Accuracy (Temperature Error)
–25
°C to +85°C
±0.5
±2.0
°C
–55
°C to +125°C
±1.0
±3.0
°C
Resolution
Selectable
±0.0625
°C
DIGITAL INPUT/OUTPUT
Input Logic Levels:
VIH
0.7(V+)
6.0
V
VIL
–0.5
0.3(V+)
V
Input Current, IIN
0V
≤ V
IN ≤ 6V
1
µA
Output Logic Levels:
VOL SDA
IOL = 3mA
0
0.15
0.4
V
VOL ALERT
IOL = 4mA
0
0.15
0.4
V
Resolution
Selectable
9 to 12
Bits
Conversion Time
9-Bit
40
75
ms
10-Bit
80
150
ms
11-Bit
160
300
ms
12-Bit
320
600
ms
Conversion Rate
9-Bit
25
s/s
10-Bit
12
s/s
11-Bit
6
s/s
12-Bit
3
s/s
POWER SUPPLY
Operating Range
2.7
5.5
V
Quiescent Current
IQ
Serial Bus Inactive
45
75
µA
Serial Bus Active, SCL Freq = 400kHz
70
µA
Serial Bus Active, SCL Freq = 3.4MHz
150
µA
Shutdown Current
ISD
Serial Bus Inactive
0.1
1
µA
Serial Bus Active, SCL Freq = 400kHz
20
µA
Serial Bus Active, SCL Freq = 3.4MHz
100
µA
TEMPERATURE RANGE
Specified Range
–55
+125
°C
Storage Range
–60
+150
°C
Thermal Resistance,
θ
JA
SOT23-6 Surface-Mount
150
°C/W
TMP100, TMP101



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com