Electronic Components Datasheet Search
  English  ▼

X  

C03 Datasheet(PDF) 3 Page - XP Power Limited

Part # C03
Description  MINIATURE, REGULATED HIGH VOLTAGE DC TO DC CONVERTERS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

C03 Datasheet(HTML) 3 Page - XP Power Limited

  C03 Datasheet HTML 1Page - XP Power Limited C03 Datasheet HTML 2Page - XP Power Limited C03 Datasheet HTML 3Page - XP Power Limited C03 Datasheet HTML 4Page - XP Power Limited C03 Datasheet HTML 5Page - XP Power Limited C03 Datasheet HTML 6Page - XP Power Limited C03 Datasheet HTML 7Page - XP Power Limited C03 Datasheet HTML 8Page - XP Power Limited C03 Datasheet HTML 9Page - XP Power Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
PARAMETER
VALUE
INPUT VOLTAGE
+11.5 to +16V
INPUT CURRENT
<100mA, NO LOAD
<250mA, FULL LOAD
INPUT CAPACITANCE
440uF LOW ESR
PROGRAMMING VOLTAGE
0 to +5V, <100uA
RESPONSE TIME
<250msec (FULL LOAD, FULL-SCALE RESPONSE)
SETPOINT ACCURACY*6
+/-1%
GAIN ADJUST*6
5 to 10%
LINEARITY*6
<1% (15% to 100% Vout)
STABILITY
<0.01% / HOUR
TEMPCO
<50PPM / °C*3
THERMAL SHOCK LIMIT
1°C / 10 SECONDS
OPERATING TEMPERATURE
-10 to +60°C*5 (CASE)
STORAGE TEMPERATURE
-20 to +90°C
4711CR
WWW.XPPOWER.COM
PAGE 3
The C Series is a line of miniature, regulated high voltage power sup-
plies. Each model is programmed from 0 to 100% of rated output via a 0
to +5 volt, DAC-compatible, high-impedance programming input voltage.
Temperature drift is typically less than 50ppm/°C. These modules exhibit
very low ripple, noise, and EMI/RFI by utilizing a quasi-sinewave oscillator,
shielded transformer, excellent filtering techniques and an isolated steel
enclosure featuring a separate grounding pin. An externally accessible
potentiometer provides adjustable gain trim, allowing for individual calibration
of units. A proprietary encapsulation process and a custom 94V-0 listed,
high-performance formula are used to achieve excellent high voltage and
thermal properties. Positive and negative outputs are standard.
Also available with the C Series are the CM Series adapter kits. For more
details, refer to pages 10 and 11.
DETAILED PRODUCT DESCRIPTION
C SERIES
ELECTRICAL SPECIFICATIONS*2 C01 - C80 (100V to 8kV)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com