Electronic Components Datasheet Search
  English  ▼

X  

C05 Datasheet(PDF) 1 Page - XP Power Limited

Part # C05
Description  MINIATURE, REGULATED HIGH VOLTAGE DC TO DC CONVERTERS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

C05 Datasheet(HTML) 1 Page - XP Power Limited

  C05 Datasheet HTML 1Page - XP Power Limited C05 Datasheet HTML 2Page - XP Power Limited C05 Datasheet HTML 3Page - XP Power Limited C05 Datasheet HTML 4Page - XP Power Limited C05 Datasheet HTML 5Page - XP Power Limited C05 Datasheet HTML 6Page - XP Power Limited C05 Datasheet HTML 7Page - XP Power Limited C05 Datasheet HTML 8Page - XP Power Limited C05 Datasheet HTML 9Page - XP Power Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
MODEL
OUTPUT
VOLTAGE
MAXIMUM
OUTPUT
CURRENT*1
C01
0 to 100V
0 to 10mA
C02
0 to 200V
0 to 5mA
C03
0 to 300V
0 to 3.3mA
C05
0 to 500V
0 to 2mA
C06
0 to 600V
0 to 1.67mA
C10
0 to 1kV
0 to 1mA
C12
0 to 1.25kV
0 to 1mA
C15
0 to 1.5kV
0 to 0.67mA
C20
0 to 2kV
0 to 0.5mA
C25
0 to 2.5kV
0 to 0.4mA
C30
0 to 3kV
0 to 0.33mA
C40
0 to 4kV
0 to 0.25mA
C50
0 to 5kV
0 to 0.2mA
C60
0 to 6kV
0 to 0.166mA
C80
0 to 8kV
0 to 0.125mA
4711CR
WWW.XPPOWER.COM
PAGE 1
100V to 8kV at 1W
PRODUCT DESCRIPTION
Complete List of Models on page 2
Proven
Reliability
FEATURES
APPLICATIONS
OPTIONS
PRODUCT DESCRIPTION
PRODUCT SELECTION TABLE
• Photomultiplier Tubes
• Solid State Detectors
• Electrophoresis
• Piezo Devices
• Capacitor Charging
• EO Lenses
• Flying Lead: Available for Models C01 through C20 (FL Suffix)
Miniature, well-regulated high voltage power supplies provide clean
and reliable high voltage in a shielded, PC-mount package. Featuring
precision 0 to 100% programmability and very low ripple and EMI/
RFI, these cost-effective power supplies are ideal for integration into
compact, sensitive equipment. For 10kV output, see the CB Series.
• Regulated
• Low-Noise, Quasi-Sinewave Oscillator
• Miniature Size
• 0 to 100% Programmable Output
• High Stability: <50ppm/°C (Typical)
• Wide Input Voltage Range: 11.5 to 16V
• Very Low EMI/RFI
• High Reliability: MTBF >2.6 Million Hours per Bellcore TR-332
(Model C10)
• Steel Case with Isolated Case Ground
• Sealed to Withstand Immersion Cleaning Process
• External Gain Adjust for Calibration
• RoHS Compliant
• UL Recognized
Programming Voltage vs Output Voltage
0
10
20
30
40
50
60
70
80
90
100
0
20
40
60
80
100
Programming Voltage (0 to 100%)
E344664
NOW
UL RECOGNIZED
C SERIES
MINIATURE, REGULATED HIGH VOLTAGE DC TO DC CONVERTERS


Similar Part No. - C05

ManufacturerPart #DatasheetDescription
logo
Powerbox
C05 POWERBOX-C05 Datasheet
2Mb / 2P
1 WATTS 100-8KV SINGLE OUTPUT DC/DC INDUSTRIAL
logo
Kemet Corporation
C0504A100F2GAC KEMET-C0504A100F2GAC Datasheet
105Kb / 7P
CAPACITOR OUTLINE DRAWINGS
C0504A100F2GAH KEMET-C0504A100F2GAH Datasheet
105Kb / 7P
CAPACITOR OUTLINE DRAWINGS
C0504A100G2GAC KEMET-C0504A100G2GAC Datasheet
105Kb / 7P
CAPACITOR OUTLINE DRAWINGS
C0504A100G2GAH KEMET-C0504A100G2GAH Datasheet
105Kb / 7P
CAPACITOR OUTLINE DRAWINGS
More results

Similar Description - C05

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DCR01 BURR-BROWN-DCR01 Datasheet
151Kb / 9P
Miniature, 1W Isolated REGULATED DC/DC CONVERTERS
DCR02 BURR-BROWN-DCR02 Datasheet
174Kb / 12P
Miniature, 2W Isolated REGULATED DC/DC CONVERTERS
DCR01 BURR-BROWN-DCR01_07 Datasheet
326Kb / 18P
Miniature, 1W Isolated REGULATED DC/DC CONVERTERS
DCR02 BURR-BROWN-DCR02_07 Datasheet
320Kb / 14P
Miniature, 2W Isolated REGULATED DC/DC CONVERTERS
logo
Texas Instruments
DCR021205 TI1-DCR021205 Datasheet
349Kb / 14P
Miniature, 2W Isolated REGULATED DC/DC CONVERTERS
DCR010503P TI1-DCR010503P_14 Datasheet
326Kb / 19P
Miniature, 1W Isolated REGULATED DC/DC CONVERTERS
logo
XP Power Limited
CA02 XPPOWER-CA02 Datasheet
1Mb / 7P
PRECISION REGULATED, LOW RIPPLE HIGH VOLTAGE DC TO DC CONVERTERS
CB101 XPPOWER-CB101 Datasheet
495Kb / 7P
MINIATURE, REGULATED HIGH VOLTAGE DC TO DC CONVERTERS
CA02-T XPPOWER-CA02-T Datasheet
853Kb / 7P
PRECISION REGULATED, LOW RIPPLE HIGH VOLTAGE DC TO DC CONVERTERS
SIP90-0.1W XPPOWER-SIP90-0.1W Datasheet
646Kb / 4P
REGULATED, LOW RIPPLE HIGH VOLTAGE DC TO DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com