Electronic Components Datasheet Search
  English  ▼

X  

CA02 Datasheet(PDF) 2 Page - XP Power Limited

Part # CA02
Description  PRECISION REGULATED, LOW RIPPLE HIGH VOLTAGE DC TO DC CONVERTERS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

CA02 Datasheet(HTML) 2 Page - XP Power Limited

  CA02 Datasheet HTML 1Page - XP Power Limited CA02 Datasheet HTML 2Page - XP Power Limited CA02 Datasheet HTML 3Page - XP Power Limited CA02 Datasheet HTML 4Page - XP Power Limited CA02 Datasheet HTML 5Page - XP Power Limited CA02 Datasheet HTML 6Page - XP Power Limited CA02 Datasheet HTML 7Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
OUTPUT
VOLTAGE
MODEL
MAXIMUM
OUTPUT
CURRENT*1
RIPPLE
P-P
FULL-LOAD*3
REGULATION
FREQUENCY*3
LOAD
0 TO 100%*3
LINE
11.5 TO 15.5V*3
12 VDC INPUT MODELS
0 to +200V
CA02P
0 to 5 mA
<0.01 %
<0.05 %
<0.01 %
80 - 180 kHz
0 to -200V
CA02N
0 to 5 mA
<0.01 %
<0.05%
<0.01%
80 - 230 kHz
0 to +500V
CA05P
0 to 2 mA
<0.01 %
<0.01 %
<0.01%
200 - 400 kHz
0 to -500V
CA05N
0 to 2 mA
<0.01 %
<0.01 %
<0.01 %
100 - 250 kHz
0 to +1,000V
CA10P
0 to 1 mA
<0.001 %
<0.005 %
<0.001 %
80 - 250 kHz
0 to -1,000V
CA10N
0 to 1mA
<0.001 %
<0.005 %
<0.001 %
100 - 250 kHz
0 to +1,250V
CA12P
0 to 0.8 mA
<0.0005 %
<0.005 %
<0.001 %
80 - 250 kHz
0 to -1,250V
CA12N
0 to 0.8 mA
<0.0005 %
<0.005 %
<0.001 %
80 - 250 kHz
0 to +2,000V
CA20P
0 to 0.5 mA
<0.001 %
<0.01 %
<0.01 %
80 - 250 kHz
0 to -2,000V
CA20N
0 to 0.5 mA
<0.001 %
<0.01 %
<0.01 %
100 - 250 kHz
5 VDC INPUT MODELS
0 to +200V
CA02P-5
0 to 5 mA
<0.01 %
<0.01 %
<0.01 %
100 - 250 kHz
0 to -200V
CA02N-5
0 to 5 mA
<0.01 %
<0.005 %
<0.003 %
100 - 250 kHz
0 to +500V
CA05P-5
0 to 2 mA
<0.005 %
<0.003 %
<0.002 %
100 - 250 kHz
0 to -500V
CA05N-5
0 to 2 mA
<0.005 %
<0.005 %
<0.002 %
87 - 350 kHz
0 to +1,000V
CA10P-5
0 to 1 mA
<0.001 %
<0.005 %
<0.001 %
100 - 250 kHz
0 to -1,000V
CA10N-5
0 to 1 mA
<0.001 %
<0.005 %
<0.001 %
100 - 250 kHz
0 to +1,250V
CA12P-5
0 to 0.8 mA
<0.001 %
<0.005 %
<0.001 %
150 - 300 kHz
0 to -1,250V
CA12N-5
0 to 0.8 mA
<0.001 %
<0.005 %
<0.001 %
150 - 300 kHz
0 to +2,000V
CA20P-5
0 to 0.5 mA
<0.001 %
<0.005 %
<0.003 %
45 - 250 kHz
0 to -2,000V
CA20N-5
0 to 0.5 mA
<0.001 %
<0.001 %
<0.001 %
100 - 250 kHz
4709CA
PAGE 2
WWW.XPPOWER.COM
CA SERIES
ELECTRICAL SPECIFICATIONS*
2 CA02 - CA20 (200V to 2000V)
INPUT CURRENT
CA02-CA12
CA20
VIN
NO-LOAD
FULL-LOAD
NO-LOAD
FULL-LOAD
5 VDC
< 65mA
<420mA
<155 mA
<550 mA
12 VDC
<80 mA
<220 mA
<100 mA
<220 mA



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com