Electronic Components Datasheet Search
  English  ▼

X  

C12 Datasheet(PDF) 2 Page - XP Power Limited

Part # C12
Description  MINIATURE, REGULATED HIGH VOLTAGE DC TO DC CONVERTERS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

C12 Datasheet(HTML) 2 Page - XP Power Limited

  C12 Datasheet HTML 1Page - XP Power Limited C12 Datasheet HTML 2Page - XP Power Limited C12 Datasheet HTML 3Page - XP Power Limited C12 Datasheet HTML 4Page - XP Power Limited C12 Datasheet HTML 5Page - XP Power Limited C12 Datasheet HTML 6Page - XP Power Limited C12 Datasheet HTML 7Page - XP Power Limited C12 Datasheet HTML 8Page - XP Power Limited C12 Datasheet HTML 9Page - XP Power Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
OUTPUT VOLTAGE
(POSITIVE OR NEGATIVE)
MODEL
MAXIMUM
OUTPUT
CURRENT*1
RIPPLE
P-P
FULL-LOAD*3
REGULATION
FREQUENCY*3
LOAD
0 TO 100%*3
LINE
11.5 TO 16.0V*3
0 to +100V
C01
0 to 10mA
<0.75 %
<0.1%
<0.1 %
200 - 250kHz
0 to +200V
C02
0 to 5mA
<0.05 %
<0.1%
<0.1 %
250 - 350kHz
0 to -200V
C02N
0 to 5mA
<0.05 %
<0.1 %
<1 %
75 - 150kHz
0 to +300V
C03
0 to 3.3mA
<0.03 %
<0.1 %
<0.1 %
200 - 300kHz
0 to +500V
C05
0 to 2mA
<0.004 %
<0.07 %
<0.1 %
250 - 350kHz
0 to -500V
C05N
0 to 2mA
<0.005 %
<0.5 %
<0.5 %
200 - 350kHz
0 to +600V
C06
0 to 1.67mA
<0.003 %
<0.1 %
<0.1 %
250 - 300kHz
0 to -600V
C06N
0 to 1.67mA
<0.003 %
<0.75 %
<0.75 %
125 - 300kHz
0 to +1,000V
C10
0 to 1mA
<0.005 %
<0.3 %
<0.3 %
200 - 250kHz
0 to -1,000V
C10N
0 to 1mA
<0.002 %
<0.5 %
<0.3 %
100 - 125kHz
0 to +1,250V
C12
0 to 1mA
<0.004 %
<0.1 %
<0.1 %
200 - 250kHz
0 to -1,250V
C12N
0 to 1mA
<0.003 %
<0.175 %
<0.1%
100 - 125kHz
0 to +1,500V
C15
0 to 0.67mA
<0.002 %
<0.1 %
<0.1 %
100 - 125kHz
0 to -1,500V
C15N
0 to 0.67mA
<0.002 %
<0.2 %
<0.2 %
75 - 100kHz
0 to +2,000V
C20
0 to 0.5mA
<0.002 %
<0.15 %
<0.1 %
75 - 100kHz
0 to -2,000V
C20N
0 to 0.5mA
<0.002 %
<0.15%
<0.1 %
75 - 100kHz
0 to +2,500V
C25
0 to 0.4mA
<0.1 %
<0.3 %
<0.2 %
125 - 150kHz
0 to -2,500V
C25N
0 to 0.4mA
<0.2 %
<0.5 %
<0.2 %
125 - 150kHz
0 to +3,000V
C30
0 to 0.33mA
<0.1 %
<0.3 %
<0.05 %
75 - 100kHz
0 to -3,000V
C30N
0 to 0.33mA
<0.2 %
<0.3 %
<0.075 %
75 - 100kHz
0 to +4,000V
C40
0 to 0.25mA
<0.1 %
<0.25 %
<0.2 %
50 - 125kHz
0 to -4,000V
C40N
0 to 0.25mA
<0.1 %
<0.2 %
<0.1 %
75 - 150kHz
0 to +5,000V
C50
0 to 0.2mA
<0.1%
<0.35%
<0.1%
75 - 150kHz
0 to -5,000V
C50N
0 to 0.20mA
<0.1 %
<0.25%
<0.1%
125 - 175kHz
0 to +6,000V
C60
0 to 0.166mA
<0.1 %
<0.25%
<0.1 %
125 - 175kHz
0 to -6,000V
C60N
0 to 0.166mA
<0.1 %
<0.25%
<0.15 %
125 - 175kHz
0 to +8,000V
C80
0 to 0.125mA
<0.2 %
<0.75%
<0.15 %
100 - 150kHz
0 to -8,000V
C80N
0 to 0.125mA
<0.2 %
<0.75%
<0.25 %
100 - 150kHz
4711CR
WWW.XPPOWER.COM
PAGE 2
C SERIES
ELECTRICAL SPECIFICATIONS*2 C01 - C80 (100V to 8kV)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com