Electronic Components Datasheet Search
  English  ▼

X  

LF298M Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LF298M
Description  Monolithic Sample-and-Hold Circuits
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LF298M Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button LF298M Datasheet HTML 5Page - National Semiconductor (TI) LF298M Datasheet HTML 6Page - National Semiconductor (TI) LF298M Datasheet HTML 7Page - National Semiconductor (TI) LF298M Datasheet HTML 8Page - National Semiconductor (TI) LF298M Datasheet HTML 9Page - National Semiconductor (TI) LF298M Datasheet HTML 10Page - National Semiconductor (TI) LF298M Datasheet HTML 11Page - National Semiconductor (TI) LF298M Datasheet HTML 12Page - National Semiconductor (TI) LF298M Datasheet HTML 13Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
Typical Applications (Continued)
Synchronous Correlator for Recovering
Signals Below Noise Level
DS005692-52
2–Channel Switch
DS005692-53
AB
Gain
1 ± 0.02%
1 ± 0.2%
Z
IN
10
10
Ω
47 k
Ω
BW
. 1 MHz
. 400 kHz
Crosstalk
−90 dB
−90 dB
@ 1 kHz
Offset
≤ 6mV
≤ 75 mV
DC & AC Zeroing
DS005692-59
Staircase Generator
DS005692-55
*Select for step height
50k →
≅ 1V Step
www.national.com
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com